Electronic Components Datasheet Search
  English  ▼

X  

SP5668 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5668
Description  2.7GHz 3-Wire Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5668 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5668 Datasheet HTML 1Page - Mitel Networks Corporation SP5668 Datasheet HTML 2Page - Mitel Networks Corporation SP5668 Datasheet HTML 3Page - Mitel Networks Corporation SP5668 Datasheet HTML 4Page - Mitel Networks Corporation SP5668 Datasheet HTML 5Page - Mitel Networks Corporation SP5668 Datasheet HTML 6Page - Mitel Networks Corporation SP5668 Datasheet HTML 7Page - Mitel Networks Corporation SP5668 Datasheet HTML 8Page - Mitel Networks Corporation SP5668 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SP5668
ELECTRICAL CHARACTERISTICS (continued)
T
AMB = 120°C to +80°C, VCC = +4.5 to +5.5V. Reference frequency = 4MHz. These characteristics are guaranteed by either
production test or design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise
stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Bus timing
4, 5, 6
Data set up , t
SU
300
ns
See Fig. 3
Data hold, t
HD
600
ns
See Fig. 3
Enable set up, t
ES
300
ns
See Fig. 3
Enable hold , t
EH
600
ns
See Fig. 3
Clock to enable, t
CE
300
ns
See Fig. 3
Charge pump output
1
See Table 3, V
pin1
=2V
Current
Charge pump output
1
±10
nA
V
pin1
= 2V
leakage
Drive output current
16
1
mA
V
PIN16
= 0.7V
Drive output saturation
16
350
mV
OS = 1
Voltage when disabled
External reference input
3
2
20
MHz
AC coupled sinewave
frequency
External reference input
3
200
500
mVp-p
AC coupled sinewave
amplitude
Crystal frequency
3
4
12
MHz
Recommended crystal
10
200
Ω
Applies to 4MHz crystal only.
Series resistance
"Parallel resonant" crystal. Figure
quoted is under all conditions
including start up.
Reference oscillator bias
3
200
µA
See Fig. 11
current
REF output voltage*
10
350
mVp-p
AC coupled, 4MHz reference
frequency, See Fig.
Phase detector comparison
4
MHz
frequency
Equivalent phase noise at
dBc/Hz
See **Note
phase detector
RF division ratio
240
131071
PE = 0, Prescaler disabled
480
262142
PE = 1, Prescaler enabled
Reference division ratio
See Table 1
Output ports P0-P2
7-9
Sink current
10
mA
V
PORT
= 0.7V
Leakage current
10
µAV
PORT = 13.2V
Lock output
Sink current
1
mA
V
PIN10 = 0.7V,
'out of lock'
Leakage current
10
µA
'in lock'
* REF output should be connected to V
CC
if unused
** Note:
1. -148dB @ 1KHz offset with 1MHz comparison frequency measured at the phase comparator.
2. When external reference is used, a high signal level is required for low phase noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com