Electronic Components Datasheet Search
  English  ▼

X  

SP5668 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP5668
Description  2.7GHz 3-Wire Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5668 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP5668 Datasheet HTML 3Page - Mitel Networks Corporation SP5668 Datasheet HTML 4Page - Mitel Networks Corporation SP5668 Datasheet HTML 5Page - Mitel Networks Corporation SP5668 Datasheet HTML 6Page - Mitel Networks Corporation SP5668 Datasheet HTML 7Page - Mitel Networks Corporation SP5668 Datasheet HTML 8Page - Mitel Networks Corporation SP5668 Datasheet HTML 9Page - Mitel Networks Corporation SP5668 Datasheet HTML 10Page - Mitel Networks Corporation SP5668 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SP5668
Fig. 5a Typical input sensitivity (Prescaler disabled, PE=0)
Fig. 6. Example of double conversion from VHF/UHF frequencies to TV IF
Fig. 5b Typical input sensitivity (Prescaler enabled, PE=1)
Fig. 7. typical application, SP5668
300
100
40
10
1000
2000
3000
FREQUENCY (MHz)
3500
OPERATING
WINDOW
1000
2000
2700
3000
FREQUENCY (MHz)
3500
300
OPERATING
WINDOW
300
100
40
10
VIN
(mV RMS
INTO 50
Ω)
VIN
(mV RMS
INTO 50
Ω)
100
80
80
50
CONTROL
MICRO
15nF
68pF
+30V
+5V
22k
16k
47k
+12V
2n2
BCW31
1n
1n
10n
P2
TUNER
OSCILLATOR
OUTPUT
13k3
P0
LOCK
CLOCK
DATA
ENABLE
Optional application utilising
on–board crystal controlled
oscillator
1
14
2
3
4
5
6
7
13
12
11
10
89
15
16
P1
4MHz
18pF
2
3
39pF
REFERENCE
VCO
VCO
10nF
50 - 900MHz
38.9MHz
1650-2700MHz
2
3
10
3
1.6GHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com