Electronic Components Datasheet Search
  English  ▼

X  

SP5668 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5668
Description  2.7GHz 3-Wire Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5668 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5668 Datasheet HTML 1Page - Mitel Networks Corporation SP5668 Datasheet HTML 2Page - Mitel Networks Corporation SP5668 Datasheet HTML 3Page - Mitel Networks Corporation SP5668 Datasheet HTML 4Page - Mitel Networks Corporation SP5668 Datasheet HTML 5Page - Mitel Networks Corporation SP5668 Datasheet HTML 6Page - Mitel Networks Corporation SP5668 Datasheet HTML 7Page - Mitel Networks Corporation SP5668 Datasheet HTML 8Page - Mitel Networks Corporation SP5668 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SP5668
Fig. 2 SP5668 block diagram
ELECTRICAL CHARACTERISTICS
T
AMB = 120°C to +80°C, VCC = +4.5 to +5.5V. Reference frequency = 4MHz. These characteristics are guaranteed by either
production test or design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise
stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current, Icc
12
65
81
mA
Vcc = 5V Prescaler enabled, PE = 1
58
72
mA
Vcc = 5V Prescaler disabled, PE = 0
RF input voltage
13, 14
100
300
mV
rms
100MHz Prescaler enabled, PE = 1
See Fig. 5b.
13, 14
40
300
mV
rms
300MHz - 2.7GHz Prescaler enabled,
PE = 1, See Fig. 5b.
13,14
40
300
mV
rms
100MHz to 2.0GHz Prescaler
disabled, PE = 0, See Fig. 5a
RF input impedance
13, 14
See Fig. 4.
Data, Clock, Enable
4,5,6
Input high voltage
3
V
CC
V
Input low voltage
0
0.7
V
Input high current
10
µA
Input voltage = V
CC
Input low current
-10
µA
Input voltage = V
EE
Hysteresis
400
mV
Clock Rate
6
500
kHz
REFERENCE
DIVIDER
See Table 1
DE
13
14
INPUTS
RF
PROGRAMMABLE
DIVIDER
÷ 16/17
÷ 2/1
4 BIT
COUNT
13 BIT
COUNT
Fpd
Fcomp
PHASE
COMP
CHARGE
PUMP
OSC
Fref
REF
CRYSTAL
Q1
CRYSTAL
Q2
CHARGE
PUMP
DRIVE
1
16
OS
CO
LOCK
1 BIT
LATCH
3 BIT LATCH
(R0,R1,R2)
1 BIT
LATCH
FLOCK
1 BIT
LATCH
3 BIT
LATCH AND
PORT
INTERFACE
DATA
INTERFACE
DISABLE
18 BIT LATCH
ENABLE
CLOCK
DATA
4
5
6
P2
P1 P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com