Electronic Components Datasheet Search
  English  ▼

X  

WL800 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  WL800 Datasheet HTML 1Page - Mitel Networks Corporation WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
s Low power consumption
s 2.5GHz input
s 144 frequencies, 1MHz steps (20MHz crystal)
s Forms complete phase locked loop using external
VCO and loop components
s Serially programmed via 3 wire bus
s Contains anti-modulation circuit
s Part of DE6038 Chip-set (WL600C, WL102)
ORDERING INFORMATION
WL800/KG/TP1R
The WL800 is a low power single chip frequency synthesiser.
The circuit is fabricated on Mitel Semiconductor HG process
and operates from a supply voltage of 2.7 - 3.6V. It is designed
to work with the Mitel Semiconductor WL600C RF and IF
circuit and the WL102 WLAN controller chip which together
make up the DE6038 frequency hopping Wireless Local Area
Network (WLAN) transceiver.
RELATED DOCUMENTS
WL600C, WL102 datasheets
TQFP 32
Fig.1 Pin connections - top view
PIN 1 IDENT
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Vcc
4VDC
Transmit/Receive and
-0.5VDC to Vcc +0.5VDC
Standby Input
Prescaler Inputs Pins 30 &31 No DC. Externally Capacitively
Coupled.
Output Current (any output)
TBD mA
Junction temperature Tj
150
°C
ESD protection:
2kV
Operating temperature
-20 to +85
°C
WL800
2.5GHz Frequency Synthesiser
Preliminary Information
DS4583 1.6 October1997


Similar Part No. - WL800

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
WL800/KG/TP1R ZARLINK-WL800/KG/TP1R Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
More results

Similar Description - WL800

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
Dual Low Power Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C22 ZARLINK-NJ88C22 Datasheet
217Kb / 7P
Frequency Synthesiser with resettable counters
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
NJ88C24 ZARLINK-NJ88C24 Datasheet
126Kb / 6P
Frequency Synthesiser with non-resettable counters
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012100A6T WALSIN-RFBPF2012100A6T Datasheet
554Kb / 7P
2.4 ~ 2.5GHz Working Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com