Electronic Components Datasheet Search
  English  ▼

X  

WL800 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  WL800 Datasheet HTML 1Page - Mitel Networks Corporation WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
WL800
PIN
REFERENCE
TYPE
DESCRIPTION
1
VCC1
VCC
Power for serial data bus
2
CS-DATA
IN
Channel Data in (Synth Programming)
3
CS-CLK
IN
Data Clock (Synth Programming)
4
CS-LOADB
IN
Data Enable (Synth Programming)
5
STDBYB
IN
Power down control Active = Logic 1 Standby = logic 0
6
VEE1
GND
Ground connection
7
ISET
Set modulation current
8
ICP
Set charge pump current
9
VEE3
GND
Ground connection
10
TXD
IN
Modulation data in
11
COM CAP
Compensation capacitor for modulation data
12
RCOMP
OUT
Resistor for V/I converter
13
IDOUT
OUT
Modulation data out
14
TXRXB
IN
Transmit/Receive control Transmit = Logic 1 Receive = Logic 0
15
VARICAP
OUT
Control V to varicap in VCO
16
VCC3
VCC
Power for charge pump and loop amplifier and modulator
17
LOOPFILTER
OUT
Loop filter out (Loop Filter Components)
18
CPUMPREF
Charge pump reference voltage
19
CPUMPOUT
OUT
Charge pump out (Loop Filter Components)
20
VEE2
GND
Ground connection
21
SYSCLK
OUT
Reference (system) clock out
22
XTAL
Crystal connection (Differential)
23
XTALB
Crystal connection (Differential)
24
VCC2
VCC
Power for reference oscillator
25
FREF
OUT
Reference frequency monitor
26
LKCAP
Lock detect capacitor
27
LCKDETB
OUT
Lock detect output
28
FV
OUT
VCO frequency / (NM+A) monitor
29
VEE5
GND
Ground connection
30
VCC
VCC
Power for prescaler, AM counter Ref divider, phase detector and
lock detector
31
VCOIPB
IN
Prescaler IN-
32
VCOIP
IN
Prescaler IN+
DEVICE PIN OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com