Electronic Components Datasheet Search
  English  ▼

X  

WL800 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  WL800 Datasheet HTML 1Page - Mitel Networks Corporation WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
WL800
PRE-SCALER
A COUNTER
PHASE DET
& CHARGE
PUMP
INPUT REGISTER
M COUNTER
REFERENCE
OSC
DIVIDE
BY 20
REF OUT
BUFFER
LOCK
DETECT
PRE
AMP
DATA
BUFFER
1,16,24,30
Vcc
6,9,20,29
Vee
STANDBY
5
14
TXRXB
DATA
2
CLK
3
ENABLEB
4
VCOIP
32
VCOIPB
31
DIN
10
IDOUT
13
ISET
7
21
REF
OUT
23
XTAL1
22
XTAL2
LKCAP
26
LKDETB
27
CPUMP
REF
18
VARICAP
15
LOOP
FILTER
17
CPUMP
OUT
19
MOD
COMP
COMP
11
ICP
8
FREF
25
28
FV
12
RCOMP
VCAP
CHARGE
CAP
BUFFER
1/3
SYSCLK
STDBYB
LCKDETB
COMPCAP
TXD
CS-DATA
CS-CLK
CS-LOADB
B
Fig. 1 WL800 block diagram
XTALB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com