Electronic Components Datasheet Search
  English  ▼

X  

WL800 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation WL800 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
WL800
ELECTRICAL CHARACTERISTICS (continued)
These characteristics are guaranteed over the following conditions (unless otherwise stated):
T
AMB = -20°C, to +85°C, Vcc
= 2.7V to 3.6V
Characteristic
Value
Unit
Condition
MIN
TYP
MAX
MOD. CURRENT INPUT
Mod current set pin current
25
µA
Set by external resistor on pin 7.
R = 47k
COMPENSATION CAP PIN
Compensation current
-25
µA
Set by external resistor on
pin 7. R=47k.
Compensation current matching
2
%
Compensation capacitor 8.2nF
Compensation capacitor voltage
CPRef -
CPRef
CPRef
V
Receive mode
0.02
+0.02
Compensation capacitor voltage
88
98
+110
mV
1 MHz data, 32bits ‘0’
-120
-98
-88
mV
1 MHz data, 32bits ‘1’
VCAP CHARGE
Settling Time
100
µs
Receive mode
Charging Current
20
mA
Receive mode.
Vcap initially at 0 V.
Offset Voltage
15
mV
Receive mode.
COMPENSATION VtoI
(CAPBUFFER+RCOMP)
Compensation current into Loop
+52.08
nA
Per 1us of databit 0
Filter
-52.08
nA
Per 1us of databit 1
Max. Compensation current
1.666
mA
for 32 bits(1) at 1MHz
CAPACITOR BUFFER
Offset Voltage
15
mV
External Resistor RCOMP
58000
Ohms
Note: 1. Standby to operate time refers to the time for internal current references to become operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com