Electronic Components Datasheet Search
  English  ▼

X  

WL800 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  WL800 Datasheet HTML 1Page - Mitel Networks Corporation WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
WL800
ELECTRICAL CHARACTERISTICS (continued)
These characteristics are guaranteed over the following conditions (unless otherwise stated):
T
AMB = -20°C, to +85°C, Vcc
= 2.7V to 3.6V
Characteristic
Value
Unit
Condition
MIN
TYP
MAX
LOCK DETECT CIRCUIT
Smoothing capacitor charge/
80
110
150
µA
Determined by application.
discharge current
Threshold voltage
Vcc-0.3
V
On smoothing capacitor
Output high voltage
1.8
Vcc
V
I out = 10
µA
Output low voltage
Vee
0.5
V
I out = 0
µA
PHASE DETECTOR AND
CHARGE PUMP
Comparison frequency
1
MHz
Divided crystal reference
Charge pump output current
±1
mA
Rpin 8 = 10k
Up down current matching
5
%
Reference voltage
V
cc-1.05
V
cc-0.7
V
CHARGE PUMP OP-AMP
First Stage:
High output voltage
2.4
V
Low output voltage
0.3
V
Second Stage:
Filter drive amplifier output current
±1mA
Filter drive amp output swing
0.77
Vp-p
PRESCALER
Input drive voltage
40
200
mV rms
Maximum operating frequency
3
GHz
Input Impedance
330
Ω
0.5pF
TRANSMIT DATA INPUT
Logic low
-60
-100
µA
Rsource=20k
Logic high
+60
+100
µA
TX DATA OUT
Logic 0 output current
25
50
100
µA
Set by external resistor on pin 7
Logic 1 output current
200
nA
Leakage Current
Output current in receive mode
25
µA
Equal to 0.5 mod current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com