Electronic Components Datasheet Search
  English  ▼

X  

LM4780 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4780
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4780 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4780 Datasheet HTML 4Page - National Semiconductor (TI) LM4780 Datasheet HTML 5Page - National Semiconductor (TI) LM4780 Datasheet HTML 6Page - National Semiconductor (TI) LM4780 Datasheet HTML 7Page - National Semiconductor (TI) LM4780 Datasheet HTML 8Page - National Semiconductor (TI) LM4780 Datasheet HTML 9Page - National Semiconductor (TI) LM4780 Datasheet HTML 10Page - National Semiconductor (TI) LM4780 Datasheet HTML 11Page - National Semiconductor (TI) LM4780 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
External Components Description
(Figures 1-5)
Components
Functional Description
1R
B
Prevents current from entering the amplifier’s non-inverting input. This current may pass through to the load
during system power down, because of the amplifier’s low input impedance when the undervoltage circuitry
is off. This phenomenon occurs when the V
+ and V- supply voltages are below 1.5V.
2R
i
Inverting input resistance. Along with R
f, sets AC gain.
3R
f
Feedback resistance. Along with R
i, sets AC gain.
4R
f2
(Note 17)
Feedback resistance. Works with Cf and Rf creating a lowpass filter that lowers AC gain at high
frequencies. The -3dB point of the pole occurs when: (R
f -Ri)/2=Rf // [1/(2
πf
cCf)+Rf2] for the
Non-Inverting configuration shown in Figure 5.
5C
f
(Note 17)
Compensation capacitor. Works with R
f and Rf2 to reduce AC gain at higher frequencies.
6C
C
(Note 17)
Compensation capacitor. Reduces the gain at higher frequencies to avoid quasi-saturation oscillations of the
output transistor. Also suppresses external electromagnetic switching noise created from fluorescent lamps.
7C
i
(Note 17)
Feedback capacitor which ensures unity gain at DC. Along with R
i also creates a highpass filter at fc =
1/(2
πR
iCi).
8C
S
Provides power supply filtering and bypassing. Refer to the Supply Bypassing application section for proper
placement and selection of bypass capacitors.
9R
V
(Note 17)
Acts as a volume control by setting the input voltage level.
10
R
IN
(Note 17)
Sets the amplifier’s input terminals DC bias point when C
IN is present in the circuit. Also works with CIN to
create a highpass filter at f
C = 1/(2
πR
INCIN). If the value of RIN is too large, oscillations may be observed on
the outputs when the inputs are floating. Recommended values are 10k
Ω to 47kΩ. Refer to Figure 5.
11
C
IN
(Note 17)
Input capacitor. Prevents the input signal’s DC offsets from being passed onto the amplifier’s inputs.
12
R
SN
(Note 17)
Works with C
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
13
C
SN
(Note 17)
Works with R
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities. The
pole is set at f
C = 1/(2
πR
SNCSN). Refer to Figure 5.
14
L (Note 17)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and reduce
the Q of the series resonant circuit. Also provides a low impedance at low frequencies to short out R and
pass audio signals to the load. Refer to Figure 5.
15
R (Note 17)
16
R
A
Provides DC voltage biasing for the transistor Q1 in single supply operation.
17
C
A
Provides bias filtering for single supply operation.
18
R
INP
(Note 17)
Limits the voltage difference between the amplifier’s inputs for single supply operation. Refer to the Clicks
and Pops application section for a more detailed explanation of the function of R
INP.
19
R
BI
Provides input bias current for single supply operation. Refer to the Clicks and Pops application section for
a more detailed explanation of the function of R
BI.
20
R
E
Establishes a fixed DC current for the transistor Q1 in single supply operation. This resistor stabilizes the
half-supply point along with C
A.
21
R
M
Mute resistance set up to allow 0.5mA to be drawn from each MUTE pin to turn the muting function off.
→ R
M is calculated using: RM
≤ (|V
EE| − 2.6V)/l where l
≥ 0.5mA. Refer to the Mute Attenuation vs Mute
Current curves in the Typical Performance Characteristics section.
22
C
M
Mute capacitance set up to create a large time constant for turn-on and turn-off muting.
23
S
1
Mute switch. When open or switched to GND, the amplifier will be in mute mode.
24
R
OUT
Reduces current flow between outputs that are caused by Gain or DC offset differences between the
amplifiers.
Note 17: Optional components dependent upon specific design requirements.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com