Electronic Components Datasheet Search
  English  ▼

X  

LM4780 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4780
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4780 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4780 Datasheet HTML 10Page - National Semiconductor (TI) LM4780 Datasheet HTML 11Page - National Semiconductor (TI) LM4780 Datasheet HTML 12Page - National Semiconductor (TI) LM4780 Datasheet HTML 13Page - National Semiconductor (TI) LM4780 Datasheet HTML 14Page - National Semiconductor (TI) LM4780 Datasheet HTML 15Page - National Semiconductor (TI) LM4780 Datasheet HTML 16Page - National Semiconductor (TI) LM4780 Datasheet HTML 17Page - National Semiconductor (TI) LM4780 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Typical Performance Characteristics (Continued)
Safe Area
SPiKe
Protection Response
200586D3
200586D4
Frequency Response of Demo Board
P
OUT = 10W/Channel = 0dB
R
IN = 47k
Ω,R
L =8
Ω, No Filters
200586E2
Note 18: Bridge mode graphs were taken using the demo board and invert-
ing the signal to the channel B input.
Note 19: Parallel mode graphs were taken using the demo board and con-
necting each output through a 0.1
Ω/3W resistor to the load.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com