Electronic Components Datasheet Search
  English  ▼

X  

LM4780 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4780
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4780 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4780 Datasheet HTML 11Page - National Semiconductor (TI) LM4780 Datasheet HTML 12Page - National Semiconductor (TI) LM4780 Datasheet HTML 13Page - National Semiconductor (TI) LM4780 Datasheet HTML 14Page - National Semiconductor (TI) LM4780 Datasheet HTML 15Page - National Semiconductor (TI) LM4780 Datasheet HTML 16Page - National Semiconductor (TI) LM4780 Datasheet HTML 17Page - National Semiconductor (TI) LM4780 Datasheet HTML 18Page - National Semiconductor (TI) LM4780 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Application Information
MUTE MODE
The muting function allows the user to mute the amplifier.
This can be accomplished as shown in the Typical Applica-
tion Circuit. The resistor R
M is chosen with reference to the
negative supply voltage and is used in conjunction with a
switch. The switch, when opened or switched to GND, cuts
off the current flow from the MUTE pins to −V
EE, thus placing
the LM4780 into mute mode. Refer to the Mute Attenuation
vs Mute Current curves in the Typical Performance Char-
acteristics section for values of attenuation per current out
of each MUTE pin. The resistance R
M is calculated by the
following equation:
R
M
≤ (|−V
EE| − 2.6V) / IMUTE
Where I
MUTE
≥ 0.5mA for each MUTE pin.
The MUTE pins can be tied together so that only one resistor
is required for the mute function. The mute resistor value
must be chosen so that a minimum of 1mA is pulled through
the resistor R
M. This ensures that each amplifier is fully
operational. Taking into account supply line fluctuations, it is
a good idea to pull out 1mA per MUTE pin or 2mA total if
both pins are tied together.
A turn-on MUTE or soft start circuit may also be used during
power up. A simple circuit like the one shown below may be
used.
200586A3
The RC combination of C
M and RM1 may cause the voltage
at point A to change more slowly than the -V
EE supply
voltage. Until the voltage at point A is low enough to have
0.5mA of current per MUTE pin flow through R
M2, the IC will
be in mute mode. The series combination of R
M1 and RM2
needs to satisfy the mute equation above for all operating
voltages or mute mode may be activated during normal
operation. For a longer turn-on mute time, a larger time
constant,
τ =RC=R
M1CM (sec), is needed. For the values
show above and with the MUTE pins tied together, the
LM4780 will enter play mode when the voltage at point A is
-17.6V. The voltage at point A is found with Equation (1)
below.
V
A(t)=(Vf -VO)e
-t/
τ (Volts)
(1)
where:
t = time (sec)
τ = RC (sec)
V
o = Voltage on C att=0(Volts)
V
f = Final voltage, -VEE in this circuit (Volts)
UNDER-VOLTAGE PROTECTION
Upon system power-up, the under-voltage protection cir-
cuitry allows the power supplies and their corresponding
capacitors to come up close to their full values before turning
on the LM4780. Since the supplies have essentially settled
to their final value, no DC output spikes occur. At power
down, the outputs of the LM4780 are forced to ground before
the power supply voltages fully decay preventing transients
on the output.
OVER-VOLTAGE PROTECTION
The LM4780 contains over-voltage protection circuitry that
limits the output current while also providing voltage clamp-
ing. The clamp does not, however, use internal clamping
diodes. The clamping effect is quite the same because the
output transistors are designed to work alternately by sinking
large current spikes.
SPiKe PROTECTION
The
LM4780
is
protected
from
instantaneous
peak-
temperature stressing of the power transistor array. The Safe
Operating graph in the Typical Performance Characteris-
tics section shows the area of device operation where
SPiKe Protection Circuitry is not enabled. The SPiKe Pro-
tection Response waveform graph shows the waveform dis-
tortion when SPiKe is enabled. Please refer to AN-898 for
more detailed information.
THERMAL PROTECTION
The LM4780 has a sophisticated thermal protection scheme
to prevent long-term thermal stress of the device. When the
temperature on the die exceeds 150˚C, the LM4780 shuts
down. It starts operating again when the die temperature
drops to about 145˚C, but if the temperature again begins to
rise, shutdown will occur again above 150˚C. Therefore, the
device is allowed to heat up to a relatively high temperature
if the fault condition is temporary, but a sustained fault will
cause the device to cycle in a Schmitt Trigger fashion be-
tween the thermal shutdown temperature limits of 150˚C and
145˚C. This greatly reduces the stress imposed on the IC by
thermal cycling, which in turn improves its reliability under
sustained fault conditions.
Since the die temperature is directly dependent upon the
heat sink used, the heat sink should be chosen so that
thermal shutdown is not activated during normal operation.
Using the best heat sink possible within the cost and space
constraints of the system will improve the long-term reliability
of any power semiconductor device, as discussed in the
Determining the Correct Heat Sink section.
DETERMlNlNG MAXIMUM POWER DISSIPATION
Power dissipation within the integrated circuit package is a
very important parameter requiring a thorough understand-
ing if optimum power output is to be obtained. An incorrect
maximum power dissipation calculation may result in inad-
equate heat sinking causing thermal shutdown and thus
limiting the output power.
Equation (2) shows the theoretical maximum power dissipa-
tion point of each amplifier in a single-ended configuration
where V
CC is the total supply voltage.
P
DMAX =(VCC)
2 /2
π2R
L
(2)
Thus by knowing the total supply voltage and rated output
load, the maximum power dissipation point can be calcu-
lated. The package dissipation is twice the number which
results from Equation (2) since there are two amplifiers in
each LM4780. Refer to the graphs of Power Dissipation
versus Output Power in the Typical Performance Charac-
teristics section which show the actual full range of power
dissipation not just the maximum theoretical point that re-
sults from Equation (2).
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com