Electronic Components Datasheet Search
  English  ▼

X  

SM5879 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5879
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—7
DC Electrical Characteristics
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DVDD digital supply current1
1. DVDD = AVDD = XVDD = 2.7V, XTI clock input frequency fXTI = 16.9344 MHz, no output load.
IDDD
–
3.70
7.40
mA
XVDD system clock supply current1
IDDX
–
0.55
1.10
mA
AVDD analog supply current1
IDDA
2
2. IDDA is the total current.
–
0.68
1.36
mA
XTI HIGH-level input voltage
VIH1
Clock input
0.7XVDD
––
V
XTI LOW-level input voltage
VIL1
Clock input
–
–
0.3XVDD
V
XTI AC-coupled input voltage
VINAC
0.3XVDD
––
Vp-p
HIGH-level input voltage3
3. Pins TEST, P/ M, MUTE/ MLEN, DEEM/ MCK, BB1/ MDT, BB2/ BBON, DI, BCKI, LRCI
VIH2
0.7DVDD
––
V
LOW-level input voltage3
VIL2
–
–
0.3DVDD
V
HIGH-level output voltage4
4. Pins MUTEO, CKO, BB2/ BBON, TO1
VOH
IOH = −0.5mA
DVDD − 0.4
–
–
V
LOW-level output voltage4
VOL
IOL = 0.5mA
–
–
0.4
V
XTI HIGH-level input current
IIH1
VIN = XVDD
–
4
10
µA
XTI LOW-level input current
IIL1
VIN = 0 V
–
4
10
µA
Input leakage current3
IILH
VIN = DVDD
-1.0
–
1.0
µA
ILL
VIN = 0V
-1.0
–
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com