Electronic Components Datasheet Search
  English  ▼

X  

SM5879 Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5879
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—19
TIMING DIAGRAMS
Input Timing (DI, BCKI, LRCI)
TYPICAL APPLICATIONS
Input Interface Circuits
Normal Speed
16bit
MSB
LSB
16bit
MSB
LSB
Rch
Lch
LRCI
BCKI
(MAX64fs)
DI
1 / fs
SONY
CXD2500
SM5879
16.9344MHz
44.1kHz
2.1168MHz
XTI
XTO
CKO
LRCI
DI
BCKI
XTAI
LRCK
DA16
DA15
PSSL
X'tal (16.9344MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com