Electronic Components Datasheet Search
  English  ▼

X  

SM5879 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5879
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—12
FUNCTIONAL DESCRIPTION
System Clock
Note that the input clock accuracy and jitter greatly
influence the AC analog characteristics.
The system clock can be controlled by a crystal oscil-
lator consisting of a crystal connected between XTI
and XTO and a built-in CMOS invertor or, alterna-
tively, an external system clock. Since the built-in
CMOS invertor has a feedback resistor, the external
system clock can be AC coupled to XTI. The system
clock is output from CKO.
System Reset (RSTN)
System reset for SM5879AV is performed by a built-
in power ON reset circuit.
At system reset, the internal arithmetic operation and
output timing counter are synchronized with the next
LCRI rising edge and thereby reset again for syn-
chronization with external elements.
Analog output is muted by this resetting, and muting
is cleared by the ninth LCRI rise (See Figure 1).
However, noise is generated due to the change in
PWM output during a timing reset. An external mute
circuit is necessary to prevent this noise.
Audio Data Input (DI, BCKI, LRCI)
The digital audio data is input on DI in MSB-first, 2s-
complement, 16-bit serial format.
Serial data bits are read into the SIPO register (serial-
to-parallel converter register) on the rising edge of the
bit clock BCKI.
The bit clock frequency on BCKI should be between
32fs and 64fs.
Figure 2. System reset timing
LRCI
Power on Switch
Internal
Reset
LO
RO
Output Muted
12
3
9
10
Figure 3.
16bit
MSB
LSB
16bit
MSB
LSB
Rch
Lch
LRCI
BCKI
(MAX64fs)
DI
1 / fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com