Electronic Components Datasheet Search
  English  ▼

X  

SM5879 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5879
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—16
Deemphasis filter
The built-in deemphasis filter in the SM5879AV
operates at fs = 44.1 kHz.
Soft Mute
With parallel setting (when P/M is HIGH), soft mute
can be activated by the MUTE pin level setting using
the built-in attenuation counter. When muting is acti-
vated, MUTE is HIGH.
When soft mute is activated, the attenuation counter
operates and lowers gain in 128 steps.
The time until mute is activated is approximately
1024/fs
≈ 23.2 msec. The time required to release
muting is the same.
Table 5.
Parallel setting pin name
DEEM
Deemphasis mode
Microcontroller setting
flag
FDEM
HON
L
OFF
Figure 6. Example of soft mute operation
1024/fs
MUTE
0dB
(Gain)
−∞
1024/fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com