Electronic Components Datasheet Search
  English  ▼

X  

SM5879 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5879
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—17
Attenuation
The SM5879AV loads the attenuation factor with
serial data by means of the microcontroller interface,
thus enabling attenuation operation.
The attenuation computation is performed by multi-
plying the output of the internal 7-bit UP/DOWN
counter output data by the signal data. When the con-
tents of the counter are DATT, gain can be expressed
by the following equations.
L channel
R channel
When DATT = 0, this becomes -
∞.
When the attenuation factor is changed, it is
smoothly changed from the previous setting until it
reaches the value of the new setting as expressed by
the above equations. The time required to change
gain is approximately 1024 fs
≈ 23.2 msec when the
time required to change one step of the attenuation
factor is approximately 8 / fs
≈ 181.4 µsec over the
range 0 dB to -
∞.
Figure 7. Method of setting the attenuation factor
MLEN
MCK
MDT
A0
A1
A2
A3
A4
A5
A6
0
D0
D1
D2
D3
D4
D5
D6
D7
(LSB)
(MSB)
Gain
20
DATT
127
----------------


log
×
[dB]
=
Gain
20
DATT
127
----------------


log
×
[dB]
=
Figure 8. Example of attenuation gain
Setting1
Setting2
Setting3
Setting5
Time
Setting4
(Gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com