Electronic Components Datasheet Search
  English  ▼

X  

SM5902 Datasheet(PDF) 29 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 29 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 30Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 31Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 32Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 33Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
NIPPON PRECISION CIRCUITS-29
SM5902AF
Through-mode operation
If MSON is set LOW (80H command), an operating
mode that does not perform shock-proof functions
becomes active. In this case, input data is passed
as-is (after attenuator and mute operations) to the
output. External DRAM is not accessed.
- In this case, input data needs to be at a rate fs
and the input word clock must be synchronized to
the CLK input (384fs). However, short range jitter
can be tolerated (jitter-free system).
- Jitter-free system timing starts from the first
YLRCK rising edge after either (A) a reset (NRE-
SET= 0) release by taking the reset input from
LOW to HIGH or (B) by taking MSON from HIGH to
LOW. Accordingly, to provide for the largest possi-
ble jitter margin, it is necessary that the YLRCK
clock be at rate fs by the time jitter-free timing
starts.
The jitter margin is 0.2/ fs (80 clock cycles).
This jitter margin is the allowable difference
between the system clock (CLK) divided by 384 (fs
rate clock) and the YLRCK input clock.
If the timing difference exceeds the jitter margin,
irregular operation like data being output twice or,
conversely, incomplete data output may occur. In
the worst case, a click noise may also be generat-
ed.
When switching from shock-proof mode to through
mode, an output noise may be generated, and it is
therefore recommended to use the YDMUTE set-
ting to mute ZSRDATA until just before data output.
- The attenuation register is set by the 84H com-
mand.
- The attenuation register set value becomes active
when the 83H command sets the ATT flag to 1.
When the ATT flag is 0, the attenuation register
value is considered to be the equivalent of 256 for a
maximum gain of 0 dB.
- The gain (dB) is given from the set value (Datt)
by the following equation.
Gain = 20
× log(Datt/256) [dB]; left and right chan-
nels
- For the maximum attenuation register set value
(Datt = 255), the corresponding gain is -0.03 dB.
But when the ATT flag is 0 (Datt = 256), there is no
attenuation.
- After a system reset initialization, the attenuation
register is set to 64 (-12 dB). However, because the
ATT flag is reset to 0, there is no attenuation.
- When the attenuation register setting changes or
when the ATT flag changes, the gain changes
smoothly from the previous set gain towards the
new set value. If a new value for the attenuation
level is set before the previously set level is
reached, the gain changes smoothly towards the
latest setting.
The gain changes at a rate of 4
× (1/fs) per step. A
full-scale change (255 steps) takes approximately
23.3 ms (when fs = 44.1 kHz). See fig 3.
Attenuation
Fig 3. Attenuation operation example
set 3
Gain
set 5
set 1
set 4
set 2
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com