Electronic Components Datasheet Search
  English  ▼

X  

SM5902 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
tDI0H
0.5VDD
DIT
tDI0L
tDI1H tDI1L
6
tCY
6
tCY
3
tCY 3tCY
Parameter
Symbol
Condition
Rating
Unit
Min
Typ
Max
0 data H level
tDI0H
15 pF load
6
tCY(Note)
0 data L level
tDI0L
15 pF load
6
tCY
1 data H level
tDI1H
15 pF load
3
tCY
1 data L level
tDI1L
15 pF load
3
tCY
Note.
tCY is the system clock (CLK) input (384fs) cycle time. tCY = 59 ns when fs = 44.1 kHz.
NIPPON PRECISION CIRCUITS-10
SM5902AF
DIT Interface (DIT pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com