Electronic Components Datasheet Search
  English  ▼

X  

SM5902 Datasheet(PDF) 37 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 37 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 32Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 33Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 34Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 35Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 36Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 37Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 38Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 39Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 40Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
NIPPON PRECISION CIRCUITS-37
SM5902AF
The SM5902AF operates from a 3 V supply volt-
age, but a built-in level shifter is provided for use
with external 5 V DRAM ICs. There are, therefore, 2
supply pins. VDD1 is the internal 3 V IC supply, and
VDD2 is the external DRAM interface supply.
If, however, the DRAM also operates from a 3 V
supply, VDD1 and VDD2 can be connected to the
same supply.
The SM5902AF incorporates a digital audio inter-
face output from pin DIT. Leave open circuit if not
used.
The SM5902AF supports additional function exten-
sions. Also, the UC6 pin has been removed, which
means that UC6-related commands have been
redefined.
Pin No.
SM5856A1F
SM5902AF
1
VDD
VDD2
7
NTEST1
DIT
8
NTEST2
NTEST
22
UC6
VDD1
27
NOE / NCAS2
A10 / NCAS2
Device comparison with SM5856A1F
Pin differences
VDD pins
DIT pin
Microcontroller interface extensions
Additional commands
Modified commands
Command
Bit
Name
Function
83H
D4
NS
Noise shaper ON/OFF switch
D5
CMP12
12-bit comparison connection ON/OFF switch
86H
D4 to D7
CP1, 2, LBIT, DIT
Digital audio interface settings
87H
D0 to D11
QAD0 to 3, QD0 to 7
Subcode Q data settings
90H
S5
BOVF
Input buffer overflow
91H
S3
QRDY
Q data write buffer status
Command
Bit
Name
Function
85H
D6, D7
RAMS1, 2
External DRAM capacity
92H
S0 to 7, M1 to 8
AM06 to 21
Place of data residual
Obsolete commands
Command
Bit
Name
Function
81H
D5
UC6OE
UC6 input/output settings
82H
D5
UC6WD
UC6 output settings
93H
S5
UC6RD
UC6 settings status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com