Electronic Components Datasheet Search
  English  ▼

X  

SM5902 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Bit
Name
Function
HIGH-level state
S7
FLAG6
Signal processor IC jitter margin exceeded
Exceeded
S6
MSOVF
Write overflow (Read once only when RA exceeds WA)
DRAM overflow
S5
BOVF
Input buffer memory overflow
Input buffer memory overflow
because sampling rate of input data is too fast
S4
S3
DCOMP
Data compare-connect sequence operating
Compare-connect sequence operating
S2
MSWIH
Encode sequence stop due to internal factors
Encoding stopped
S1
MSRIH
Decode sequence stop due to internal factors
Decoding stopped
S0
1001 0000
90hex =
Refer to "Status flag operation summary".
Bit
Name
Function
HIGH-level state
S7
MSEMP
Valid data empty state (Always HIGH when RA exceeds VWA)
No valid data
S6
OVFL
Write overflow state (Always HIGH when WA exceeds RA)
Memory full
S5
ENCOD
Encode sequence operating state
Encoding
S4
DECOD
Decode sequence operating state
Decoding
S3
QRDY
Subcode Q data write-buffer write enable
Write enabled
S2
S1
S0
1001 0001
91hex =
Refer to "Status flag operation summary".
Read command summary
Shock-proof memory status (1) 90
Shock-proof memory status (2) 91
NIPPON PRECISION CIRCUITS-16
SM5902AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com