Electronic Components Datasheet Search
  English  ▼

X  

SM5902 Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 24Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
- MSWREN
When 1: Encode sequence starts
Invalid when MSON is not 1 within the
same 80H command
Invalid when FLAG6=1
Invalid when OVFL=1
Invalid when a compare-connect start
command (MSDCN2=1 or MSDCN1=1)
occurs simultaneously
Direct connect if a compare-connect
sequence is already operating
When 0: Encode sequence stops
- MSWACL
When 1: Initializes the write address (WA)
When 0: No operation
- MSRDEN
When 1: Decode sequence starts
Does not perform decode sequence if
MSON=1.If there is no valid data, decode
sequence temporarily stops. But, because
the MSRDEN flag setting is maintained as
is, the sequence automatically re-starts
when valid data appears.
When 0: Decode sequence stops
-MSRACL
When 1: Initializes the read address (RA)
When 0: No operation
- MSDCN2, MSDCN1
When 1 and 1: 3-pair compare-connect sequence
starts
When 1 and 0: 2-pair compare-connect sequence
starts
When 0 and 1: Direct connect sequence starts
When 0 and 0: Compare-connect sequence stops.
No operation if a compare-connect
sequence is not operating.
- WAQV
When 1: The immediately preceding YBLKCK
falling-edge timing WA (write address)
becomes the VWA (valid write address).
When 0: No operation
- MSON
When 1: Memory system turns ON and shock-
proof operation starts
When 0: Memory system turns OFF and through-
mode playback starts. (In this mode, the
attenuator is still active.)
Write command supplementary information
80H (MS command)
81H (Extension I/O port settings)
82H (Extension I/O port output data settings)
NIPPON PRECISION CIRCUITS-20
SM5902AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com