Electronic Components Datasheet Search
  English  ▼

X  

CS5336 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic CS5336 Datasheet HTML 29Page - Cirrus Logic CS5336 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
puts are buffered, as shown in Figure 5, in order
to isolate the converter from the digital signal
processor. If slave mode is selected by pulling
SMODE low, then U9 (74HC243) will change to
the opposite direction, and act as an input buffer.
U9 is provided to protect against inadvertent ex-
ternal driving of SCLK, L/R and FSYNC while
in MASTER mode. U9 is not necessary in your
application circuit.
Jumper P4 allows the board to be configured for
either the CS5336/38, or the CS5339, which
have opposite polarities of SCLK.
Parallel Output Interface
Figure 6 depicts the parallel output interface on
the evaluation board. 16-bit words are assembled
from the serial data output of the converter. Each
bit of serial data is clocked out of the converter
VD+
MCK
SCK
PRO
FSYNC
SDATA
GND
V
C
U
M0
M1
M2
CS8402
U2
C7/C3
C1/FC0
C6/C2
C9/C15
EM1/C8
EM0/C9
CRE/FC1
RST
TXP
TXN
CBL
U8D
VD+
142 567 893
10 k
SIP
2
1
3
4
12
13
14
24
RST
___
20
17
R20
24
1
3
R19
110
OCLKD
P4
56
C24
0.1 uF
C34
1 uF
+
R18 20 k
R17
R16 20 k
20 k
Q2
Q2
RESET2
D2
CLK
SET2
13
9
12
11
10
8
+5 V
R11
47 k
__
L/R CS5336
FSYNC CS5336
7
74HC74
U12B
CS5336
FSYNC
SDATA
12
13
11
74HC08
21
22
23
9
10
11
15
18
19
8
____
__
__
__ ___
__ __
__
__ __
____
P3
CBL
V
C
U
16
3
2
4
5
6
8
7
1
14
15
13
12
11
9
10
16
_
DIPSW 8
SW 2
VD+
PULSE PE65612
SCHOTT 67125450
VD+
Figure 4. CS8402 Digital Audio Line Driver Connections
CDB5336,8,9
3-64
DS23DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com