Electronic Components Datasheet Search
  English  ▼

X  

CS5336 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic CS5336 Datasheet HTML 29Page - Cirrus Logic CS5336 Datasheet HTML 30Page - Cirrus Logic CS5336 Datasheet HTML 31Page - Cirrus Logic CS5336 Datasheet HTML 32Page - Cirrus Logic CS5336 Datasheet HTML 33Page - Cirrus Logic CS5336 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Switch#
0=Closed, 1=Open
Comment
3
PRO=1
Consumer Mode, C0=0 (Note 1)
1, 4
FC1, FC0
C24,C25,C26,C27 - Sample Frequency (encoded 2 of 4 bits)
0
0
0000 - 44.1 kHz
0
1
0100 - 48 kHz
1
0
1100 - 32 kHz
1
1
0000 - 44.1 kHz, CD Mode
2
C3
C3,C4,C5 - Emphasis (1 of 3 bits)
1
000 - None
0
100 - 50/15
µs
5
C2
C2 - Copy/Copyright
1
0 - Copy Inhibited/Copyright Asserted
0
1 - Copy Permitted/Copyright Not Asserted
6
C15
C15 - Generation Status
1
0 - Definition is based on category code.
0
1 -
See CS8402 Data Sheet, Appendix A
8, 7
C8, C9
C8-C14 - Category Code (2 of 7 bits)
1
1
0000000 - General
1
0
0100000 - PCM encoder/decoder
0
1
1000000 - Compact Disk - CD
0
0
1100000 - Digital Audio Tape - DAT
Note:
1. The evaluation board is shipped from the factory in the Professional mode. Changing switch 3 to
open places the CS8402 in Consumer mode; however, the hardware is not set up for consumer
mode. To modify the hardware for Consumer mode, change R19 to 374
Ω and add R20 at 90.9Ω.
Then, as shown in the figure below, cut the trace connecting TXN to the transformer, and connect
the transformer side to the ground hole provided. For a full explanation of the consumer hardware
interface, see the CS8402 data sheet, Appendix B.
Table 4. CS8402 Switch Definitions - Consumer Mode
CS8402
U2
TXP
TXN
20
17
R20
24
1
3
R19
PULSE PE65612
SCHOTT 67125450
90.9
374
CDB5336,8,9
DS23DB5
3-69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com