Electronic Components Datasheet Search
  English  ▼

X  

CS5336 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5336 Datasheet HTML 1Page - Cirrus Logic CS5336 Datasheet HTML 2Page - Cirrus Logic CS5336 Datasheet HTML 3Page - Cirrus Logic CS5336 Datasheet HTML 4Page - Cirrus Logic CS5336 Datasheet HTML 5Page - Cirrus Logic CS5336 Datasheet HTML 6Page - Cirrus Logic CS5336 Datasheet HTML 7Page - Cirrus Logic CS5336 Datasheet HTML 8Page - Cirrus Logic CS5336 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Parameter
Symbol
Min
Typ
Max
Unit
ICLKD Period (CMODE low)
(Note 6)
t clkw1
78
-
3906
ns
ICLKD Low (CMODE low)
t clkl1
31
-
-
ns
ICLKD High (CMODE low)
t clkh1
31
-
-
ns
ICLKD rising to OCLKD rising (CMODE low)
t io1
5
-
40
ns
ICLKD Period (CMODE high)
t clkw2
52
-
2604
ns
ICLKD Low (CMODE high)
t clkl2
20
-
-
ns
ICLKD High (CMODE high)
t clkh2
20
-
-
ns
ICLKD rising or falling to OCLKD rising (CMODE high, Note 4)
t io2
5
-
45
ns
ICLKD rising to L/R edge (CMODE low, MASTER mode)
t ilr1
5
-
50
ns
ICLKD rising to FSYNC edge (CMODE low, MASTER mode)
t ifs1
5
-
50
ns
ICLKD rising to SCLK edge (CMODE low, MASTER mode)
t isclk1
5
-
50
ns
ICLKD falling to L/R edge (CMODE high, MASTER mode)
t ilr2
5
-
50
ns
ICLKD falling to FSYNC edge (CMODE high, MASTER mode)
t ifs2
5
-
50
ns
ICLKD falling to SCLK edge (CMODE high, MASTER mode)
t isclk2
5
-
50
ns
SCLK rising to SDATA valid (MASTER mode, Note 5)
t sdo
0
-
50
ns
SCLK duty cycle (MASTER mode)
40
50
60
%
SCLK rising to L/R (MASTER mode, Note 5)
t mslr
-20
-
20
ns
SCLK rising to FSYNC (MASTER mode, Note 5)
t msfs
-20
-
20
ns
SCLK Period (SLAVE mode)
t sclkw
155
-
-
ns
SCLK Pulse Width Low (SLAVE mode)
t sclkl
60
-
-
ns
SCLK Pulse Width High (SLAVE mode)
t sclkh
60
-
-
ns
SCLK rising to SDATA valid (SLAVE mode, Note 5)
t dss
-
-
50
ns
L/R edge to MSB valid (SLAVE mode)
t lrdss
-
-
50
ns
Falling SCLK to L/R edge delay (SLAVE mode, Note 5)
t slr1
30
-
-
ns
L/R edge to falling SCLK setup time (SLAVE mode, Note 5)
t slr2
30
-
-
ns
Falling SCLK to rising FSYNC delay (SLAVE mode, Note 5)
t sfs1
30
-
-
ns
Rising FSYNC to falling SCLK setup time (SLAVE mode, Note 5)
t sfs2
30
-
-
ns
DPD pulse width
t pdw
2 x tclkw
-
-
ns
DPD rising to DCAL rising
t pcr
-
-
50
ns
DPD falling to DCAL falling (OWR = Output Word Rate)
t pcf
-4096-
1/OWR
SWITCHING CHARACTERISTICS
(TA = 25
°C; VA+, VL+, VD+ = 5V ± 5%; VA- = -5V ± 5%; Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 20 pF)
Notes:
4.
ICLKD rising or falling depends on DPD to L/R timing (see Figure 2).
5.
SCLK is shown for CS5336, CS5338. SCLK is inverted for CS5339.
6.
Specifies minimum output word rate (OWR) of 1 kHz.
CS5336, CS5338, CS5339
3-42
DS23F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com