Electronic Components Datasheet Search
  English  ▼

X  

SM5904CF Datasheet(PDF) 26 Page - Nippon Precision Circuits Inc

Part # SM5904CF
Description  compression and non compression type
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904CF Datasheet(HTML) 26 Page - Nippon Precision Circuits Inc

Back Button SM5904CF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 30Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
NIPPON PRECISION CIRCUITS-26
SM5904CF
- DRAM initialization refresh
A 15-cycle RAS-only refresh is carried out for
DRAM initialization under the following conditions.
When MSON changes from 0 to 1 using command
80H.
When
from
MSON=1,
MSRDEN=0
and
MSWREN=0 states only MSWREN changes to 1.
In this case, encode sequence immediately starts
and initial data is written (at 2fs rate input) after a
delay of 0.7ms.
- Refresh during Shock-proof mode operation
In this IC, a data access operation to any address
also serves as a data refresh. Accordingly, there
are no specific refresh cycles other than the initial-
ization refresh cycle (described above).
This has the resulting effect of saving on DRAM
power dissipation.
A data access to DRAM can occur in an encode
sequence write operation or in a decode sequence
read operation. Write sequence write operation
stops during a connect operation whereas a read
sequence read operation always continues while
data is output to the D/A. The refresh rate for each
DRAM during decode sequence is shown in the
table below.
The decode sequence, set by MSON=1 and MSR-
DEN=1, operates when valid data is in DRAM
(when MSEMP=0).
- When MSON=0, DRAM is not refreshed because
no data is being accessed. Although MSON=1,
DRAM is not refreshed if ENCOD=0 and DECOD=0
(both encode and decode sequence are stopped).
DRAM refresh
Table 2. Decode sequence refresh rate
DRAMs used (same for 1 or 2 DRAMs)
Data compression mode
4M (1M
×4 bits)
4 bit
10.88 ms
5 bit
8.71 ms
6 bit
7.26 ms
Full bit
2.72 ms
Encode sequence temporary stop
- When RAM becomes full, MSWREN is set LOW
using the 80H command and encode sequence
stops. (For details of the stop conditions, refer to
the description of the ENCOD flag.)
- Then, if MSWREN is set HIGH without issuing a
compare-connect start command, the encode
sequence re-starts. At this time, new input data is
written not to VWA, but to WA. In this way, the data
already written to the region between VWA and WA
is not lost.
- But if the MSWREN is set HIGH (80H command)
after using the compare-connect start command
even only once, data is written to VWA. If data is
input before comparison and conformance is
detected, the same operation as direct-connect
mode takes place when the command is issued.
After comparison and conformance are detected,
no operation is performed because the encode
sequence has already been started. However,
make sure that the other bit settings within the
same 80H command are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com