Electronic Components Datasheet Search
  English  ▼

X  

SM5904CF Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5904CF
Description  compression and non compression type
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904CF Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5904CF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
NIPPON PRECISION CIRCUITS-11
SM5904CF
Write command format (Commands 80 to 86)
SM5904CF has two modes of operation; shock-
proof mode and through mode.
The operating sequences are controlled using com-
mands from a microcontroller.
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND 8bit
DATA 8bit
YMDATA
YMCLK
YMLD
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND 8bit
YMDATA
YMCLK
YMLD
S7
S6
S5
S4
S3
S2
S1
S0
STATUS 8bit
ZSENSE
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND 8bit
YMDATA
YMCLK
YMLD
S7
S6
S1
S0
RESIDUAL DATA 16bit
ZSENSE
M1
M2
M7
M8
Functional description
Read command format (Command 92 (memory residual read))
Read command format (Commands 90, 91, 93)
Microcontroller interface
Commands from the microcontroller are input using
3-wire serial interface inputs; data (YMDATA), bit
clock (YMCLK) and load signal (YMLD).
In the case of a read command from the microcon-
troller, bit serial data is output (ZSENSE) synchro-
nized to the bit clock input (YMCLK).
Write command format (Commands 87)
D11 D10
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND 8bit
DATA 12bit
YMDATA
YMCLK
YMLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com