Electronic Components Datasheet Search
  English  ▼

X  

SM5904CF Datasheet(PDF) 30 Page - Nippon Precision Circuits Inc

Part # SM5904CF
Description  compression and non compression type
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904CF Datasheet(HTML) 30 Page - Nippon Precision Circuits Inc

Back Button SM5904CF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 30Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 31Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 32Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 33Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 34Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
NIPPON PRECISION CIRCUITS-30
SM5904CF
Digital audio interface
When the DIT flag is set to 1, the digital audio inter-
face output from pin DIT is enabled. The output
data structure is modulated using a preamble and
biphase mark encoding.
Figure 5. Frame format
Figure 6. Subframe format
Channel 2
M
Channel 1
W
B
W
M
W
Frame 0
Frame 191
Channel 2
Channel 1
Channel 2
Channel 1
Frame 1
Frame 0
Sub Frame
Sub Frame
Start Block
Auxiliary
Preamble
Audio Sample Word
VUC
P
03
47
8
27
28
31
Validity Flag
User Data
Channel Status
Parity Bit
Preamble
Channel coding
Leading symbol = 0
Leading symbol = 1
B
11101000
00010111
M
11100010
00011101
W
11100100
00011011
The SM5904CF starts with 0, so only the preamble patterns for leading symbol = 0 are used.
Preamble
The preamble is a particular bit pattern used to per-
form subframe and block synchronization and dis-
crimination, assigned to one of 4 time slot divisions
(0 to 3), comprising 8 continuous biphase modulat-
ed transfer rate status indicators.
There are 3 types of preamble. The leading pream-
ble pattern of all blocks is preamble pattern B,
which is then followed by preamble pattern M for
channel 1, and preamble pattern W for channel 2.
Digital audio sample data and auxiliary audio
The digital audio sample data is a 20-bit digitized
audio signal. Auxiliary audio data, on the other
hand, can be audio sample data of varying length.
The SM5904CF uses a 16-bit audio data structure
internally with audio data output bits 4 to 11 set to 0
and bits 12 to 27 output in LSB first format.
Audio sample validity
The validity flag is set to 0 when the digital audio
sample data is output correctly, or it is set to 1 if the
output is incorrect. It is also set to 1 if encoding
does not start when the device is operating in
forced mute, microcontroller forced mute, and
shockproof mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com