Electronic Components Datasheet Search
  English  ▼

X  

SM5904CF Datasheet(PDF) 31 Page - Nippon Precision Circuits Inc

Part # SM5904CF
Description  compression and non compression type
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904CF Datasheet(HTML) 31 Page - Nippon Precision Circuits Inc

Back Button SM5904CF Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 29Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 30Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 31Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 32Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 33Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 34Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 35Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
NIPPON PRECISION CIRCUITS-31
SM5904CF
User bit data
User bit data is data specified by the user. The data
is output, after the Q data has been specified, in the
following sequence.
012
3
456
789
10
11
0
000
0
000
000
00
12
000
0
000
000
00
24
1
Q1
0
0
000
000
00
36
1
Q2
0
0
000
000
00
•••
•
•••
•••
••
1164
1
Q96
0
0
000
000
00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
CTL0 CTL1 CTL2 CTL3
0
0
0
0
1
0
0
0
0
0
0
LBIT
16
0
0
0
0
L= 1
R= 1
0
0
0
0
0
0
CP1
CP2
0
0
32
000
0
000
000
000
000
48
000
0
000
000
000
000
64
000
0
000
000
000
000
80
000
0
000
000
000
000
96
000
0
000
000
000
000
112
000
0
000
000
000
000
128
000
0
000
000
000
000
144
000
0
000
000
000
000
160
000
0
000
000
000
000
176
000
0
000
000
000
000
- Using Q data
Initially, Q1 to Q80 are set using the 87H command,
the DIT flag is set using the 86H command, and
then data is output from DIT according to the digital
audio interface format. Q81 to Q96 data are not
required as these are set internally by CRC calcula-
tion.
There are 2 Q data buffers; a data output buffer
and a data storage buffer. As a result, after all data
has been specified in the first data write, only that
data that has changed needs to be written during
the 2nd and subsequent data write operations.
Note that address 1001 is the write stop command
and is, therefore, required after every data write
operation.
When space becomes available in the data output
buffer, QRDY is set to 1 (91H command status bit
S3) to indicate available space and then the con-
tents of the data storage buffer are transferred to
the data output buffer. After data is transferred, a
data write to address 1001 (write stop command)
resets the QRDY flag to 0.
The Q data buffer read access time for a complete
data cycle is approximately 13.3 ms.
Audio channel status
The channel status are information bits transferred
to indicate the audio sample data length, preem-
phasis, sampling frequency, time code, source
number, destination code, and other information.
Seven bits comprising CP1, CP2, LBIT, and CTL0
to CTL3 can be set. All other bits are fixed.
Subframe parity
The parity bit is used to indicate the detection of an
odd number of bit errors. It is set to 1 if the number
of 1s in the digital audio interface 27-bit data is odd,
and is set to 0 if the number of 1s is even. The 27-
bit data plus parity bit form 28-bit data that always
has an even number of 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com