Electronic Components Datasheet Search
  English  ▼

X  

SM5904CF Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5904CF
Description  compression and non compression type
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904CF Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5904CF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5904CF Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
NIPPON PRECISION CIRCUITS-9
SM5904CF
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,
,,,,,,,,,,,,
,,,,,,,,,,,,
,,,,,,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
NCAS2
A0 to A9
D0 to D3
(WRITE)
NRAS
D0 to D3
(READ)
NWE
(WRITE)
3
WCS
t
6
WEL
t
CRDH
t
CRDS
t
CWDH
t
CWDS
t
33
5
CADH
t
CADS
t
RADH
t
RADS
t
11
1
5
3
2
t
RCD
t
CASL
CASH
t
RASH
t
3
tCY
5
RASL
t
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
tCY
DRAM access timing (with double DRAM)
∗ Use external DRAM.
The NWE terminal output is fixed HIGH during read timing.
DIT Interface (DIT pin)
tDI0H
0.5V
DD
DIT
tDI0L
tDI1H
tDI1L
6
tCY
6
tCY
3
tCY
3
tCY
Parameter
Symbol
Condition
Rating
Unit
Min
Typ
Max
0 data H level
tDI0H
15 pF load
6
tCY(Note)
0 data L level
tDI0L
15 pF load
6
tCY
1 data H level
tDI1H
15 pF load
3
tCY
1 data L level
tDI1L
15 pF load
3
tCY
Note.
tCY is the system clock (CLK) input (384fs) cycle time. tCY = 59 ns when fs = 44.1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com