Electronic Components Datasheet Search
  English  ▼

X  

SM6451 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6451 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—4
AC Digital Characteristics
DVDD = AVDD = VDD = 2.5 to 3.6 V, VSS = 0 V, Ta = −40 to 85 °C
Serial inputs (MDT, MCK, MLEN)
Reset input (RSTN)
P arameter
Symbol
Rating
Unit
min
typ
m a x
MCK, MLEN r ise time
tr
–
–
100
ns
MCK, MLEN fall time
tf
–
–
100
ns
MDT setup time
tMDS
50
–
–
ns
MDT hold time
tMDH
50
–
–
ns
MLEN setup time
tMCS
50
–
–
ns
MLEN hold time
tMCH
50
–
–
ns
MLEN LO W -level pulsewidth
tMEWL
50
–
–
ns
MLEN HIGH-level pulsewidth
tMEWH
50
–
–
ns
P arameter
Symbol
Rating
Unit
min
typ
m a x
RSTN LO W -level pulsewidth
tRSTN
100
–
–
ns
MDT
MCK
MCK
MLEN
0.5VDD
0.9VDD
0.5VDD
0.5VDD
tMDS
tMDH
tMCS
tMCH
tf
tr
tMEWL
tMEWH
0.5VDD
MLEN
0.1VDD
0.9VDD
0.1VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com