Electronic Components Datasheet Search
  English  ▼

X  

SM6451 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM6451 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—7
MICROCONTROLLER INTERFACE
The SM6451BV uses a 3-wire serial interface comprising MDT (data), MCK (clock) and MLEN (latch enable)
to select channels and attenuation levels for the addressed device.
Input Timing
The microcontroller data input timing is shown in figure 1.
Data is shifted into the internal shift register on the rising edge of MCK, and the attenuation value is updated on
the rising edge of MLEN. Accordingly, data on MDT should be changed on the falling edge of MCK. The dot-
ted lines for MCK and MLEN also indicate valid timing.
Note, however, a minimum of 16 MCK input pulses are required.
Data Format
The format of microcontroller input data is shown in figure 2.
D15, D14
Don’t care.
D13, D12
Chip address bits. D13 corresponds to ADRS1 and D12 corresponds to ADRS2. The device is addressed only
when ADRS1:ADRS2 matches D13:D12.
Example 1: If D13 = LOW, D12 = HIGH and ADRS1 = LOW, ADRS2 = LOW, then the device is not
addressed since ADRS2 and D12 do not match.
Example 2: If D13/D12 = LOW and ADRS1/ADRS2 = LOW, then the device is addressed and all input data
is read and the attenuation settings updated.
D11, D10
Don’t care.
Figure 1. Microcontroller data input timing
Figure 2. Microcontroller data format
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MDT
MCK
MLEN
MDT
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com