Electronic Components Datasheet Search
  English  ▼

X  

SM6451 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—10
Figure 9. Crosstalk frequency response
Figure 10. FFT spectrum
Figure 11. THD + N vs. load resistance
Figure 12. Current consumption vs. supply voltage
Figure 13. Current consumption vs. operating
temperature
-140
-40
-120
-100
-80
-60
20
200k
100
1k
10k
100k
Frequency(Hz)
ATT=0dB
VIN=0.8Vrms
-140
+0
-120
-100
-80
-60
-40
-20
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
Frequency(Hz)
f=1kHz
ATT=0dB
BH Window
VIN=0.8Vrms=0dBr
0.001
0.01
0.1
1
10
100
1
10
100
Load Resistance(k
Ω)
f=1kHz
ATT=0dB
20kHz LPF
VIN=0.8Vrms
0
1
2
3
4
5
6
2.4
2.7
3
3.3
3.6
Power Supply(V)
AVDD+DVDD
ADRS1=ADRS2=0V
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
Operating Temperature(
°C)
AVDD+DVDD
ADRS1=ADRS2=0V
VDD=2.7V
VDD=3.0V
VDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com