Electronic Components Datasheet Search
  English  ▼

X  

SM6451 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—9
ANALOG PERFORMANCE CHARACTERISTICS
DVDD = AVDD = 3.0 V, 100 k
Ω output load resistance, Ta = 25 °C
Figure 3. THD + N vs. input amplitude
Figure 4. THD + N vs. input frequency
Figure 5. Attenuation error
Figure 6. Attenuation characteristic (– 64dB to MUTE)
Figure 7. Residual noise vs. ATT
Figure 8. Frequency response
0.001
1
0.01
0.1
.1
1
VIN(Vrms)
1.2
.2
.5
VDD=2.7V
f=1kHz
ATT=0dB
20kHz LPF
VDD=3.0V
VDD=3.3V
0.1
0.001
0.01
1k
10k
20k
100
20
Frequency(Hz)
ATT=0dB
20kHz LPF
VIN=0.8Vrms
VIN=0.5Vrms
VIN=0.2Vrms
-5
-4
-3
-2
-1
0
1
2
-80
-70
-60
-50
-40
-30
-20
-10
0
ATT(dB)
VIN=0.8Vrms
f=1kHz
-92
-88
-84
-80
-76
-72
-68
-64
-80
-76
-72
-68
-64
Mute
Ideal Gain
ATT(dB)
VDD=2.5V
VDD=2.7V
VDD=3V
0
4
8
12
16
20
-80
-70
-60
-50
-40
-30
-20
-10
0
ATT(dB)
VIN=0Vrms
A-Weight Filter
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
100
Frequency(Hz)
ATT=-80dB
ATT=MUTE
1k
10k
100k 200k
20
ATT=-60dB
ATT=-40dB
ATT=-20dB
ATT=0dB
VIN=0.8Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com