Electronic Components Datasheet Search
  English  ▼

X  

SM6451 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM6451
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM6451 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451 Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—11
TYPICAL APPLICATIONS
Connection Guidelines
Decoupling capacitors of approximately 10 µF should be connected from AVDD, VRL, VRR to AVSS, and
from DVDD to DVSS.
In addition, approximately 0.01 µF capacitors should also be connected from AVDD, VRL, VRR to AVSS, and
from DVDD to DVSS to suppress digital switch noise.
An approximately 0.001 µF capacitor connected from RSTN to DVSS will force a system reset when power is
applied.
Connection 1 (to DAC)
Connection 2
When there is a possibility that the input peak-to-peak amplitude will exceed the supply voltage, input protec-
tion diodes should be connected to prevent device breakdown.
DVDD
AVDD
LIN
RIN
DVSS
AVSS
MDT MCK MLEN
SM6451
LOUT
ADRS1
CPU
ADRS2
ROUT
L-ch OUT
R-ch OUT
LPF
LPF
DAC
2.5 to 3.6V
LIN
LOUT
RIN
ROUT
SM6451
L-ch Input
L-ch Output
R-ch Input
R-ch Output
AVDD
AVDD
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com