Electronic Components Datasheet Search
  English  ▼

X  

ELM76 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM76
Description  CMOS Voltage detector with delay function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM76 Datasheet(HTML) 2 Page - ELM Electronics

  ELM76 Datasheet HTML 1Page - ELM Electronics ELM76 Datasheet HTML 2Page - ELM Electronics ELM76 Datasheet HTML 3Page - ELM Electronics ELM76 Datasheet HTML 4Page - ELM Electronics ELM76 Datasheet HTML 5Page - ELM Electronics ELM76 Datasheet HTML 6Page - ELM Electronics ELM76 Datasheet HTML 7Page - ELM Electronics ELM76 Datasheet HTML 8Page - ELM Electronics ELM76 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Rev.1.2
16 -
ELM76xxxxxxxxC CMOS Voltage detector with delay function
ELM76xxxxxxxxC-x
Symbol
a, b
Detection voltage
e.g. :
16: VdetN=1.6V, 25: VdetN=2.5V
27: VdetN=2.7V, 30: VdetN=3.0V
40: VdetN=4.0V, 55: VdetN=5.5V
c
Output mode
L: RESET output mode
H: RESET output mode
d
Output from
C : CMOS output
N : N-ch open-drain output
e, f
Delay time
05: Typ.50ms, 15: Typ.150ms
25: Typ.250ms, 50: Typ.500ms
g
Package
B : SOT-23
C : SC-70-5(SOT-353)
SC-82AB(SOT-343)
h
Pin configuration
type
1 : type1, 2 : type2
3 : type3, 4 : type4
i
Product version
C
j
Taping direction
S, N: Refer to PKG file
ELM76 x x x x x x x x C - x
↑ ↑ ↑ ↑ ↑ ↑ ↑ ↑ ↑
↑
a b c d e f g h i
j
■Selection guide
■Pin configuration
Pin No.
Pin name
(76xxxxxxB1C) (76xxxxxxB2C)
1
OUT
VSS
2
VSS
OUT
3
VDD
VDD
Pin No.
Pin name
(76xxxxxxC1C)
1
NC
2
VDD
3
NC
4
OUT
5
VSS
1
3
2
SOT-23(TOP VIEW)
SC-70-5(TOP VIEW)
SC-82AB(TOP VIEW)
Pin No.
Pin name
(76xxxxxxC2C) (76xxxxxxC3C) (76xxxxxxC4C)
1
OUT
VSS
NC
2
VDD
OUT
VSS
3
NC
NC
OUT
4
VSS
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com