Electronic Components Datasheet Search
  English  ▼

X  

ELM76 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM76
Description  CMOS Voltage detector with delay function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM76 Datasheet(HTML) 1 Page - ELM Electronics

  ELM76 Datasheet HTML 1Page - ELM Electronics ELM76 Datasheet HTML 2Page - ELM Electronics ELM76 Datasheet HTML 3Page - ELM Electronics ELM76 Datasheet HTML 4Page - ELM Electronics ELM76 Datasheet HTML 5Page - ELM Electronics ELM76 Datasheet HTML 6Page - ELM Electronics ELM76 Datasheet HTML 7Page - ELM Electronics ELM76 Datasheet HTML 8Page - ELM Electronics ELM76 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Rev.1.2
16 -
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
Vss-0.3 to 8.0
V
Output voltage
Vout
Vss-0.3 to Vdd+0.3
V
Output current
Iout
100
mA
Power dissipation
Pd
250 (SOT-23)
mW
150 (SC-70-5)(SOT-353)
150 (SC-82AB)(SOT-343)
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM76xxxxxxxxC CMOS Voltage detector with delay function
ELM76xxxxxxxxC is CMOS voltage detector IC with delay function; external capacitor is unnecessary
for the delay time circuit. There are 4 types of delay time selection of ELM76 series: Typ.50ms, Typ.150ms,
Typ.250ms, Typ.500ms, and ELM76 series can also be made as semi-custom ICs within the range of 30ms
to 500ms by 10ms step. There are two output styles of ELM76 series: N-ch open-drain and CMOS output. In
addition, two output logic modes are available; RESET and RESET. The output level is high for RESET mode
and low for RESET mode when VDD is lower than detection voltage. The standard detection voltages are 1.6V,
2.5V, 2.7V, 3.0V, 4.0V and 5.5V and ELM76 series can also be made as semi-custom ICs within 1.6 to 5.5V by
0.1V step.
• Detection voltage range
: 1.6V to 5.5V (by 0.1V)
• Low current consumption
: Typ.0.4μA(Vdd=VdetN+1V)
• Accuracy of detection voltage
: ±2.0%
• Delay time after Vdd recovery
: Typ.50ms, Typ.150ms, Typ.250ms, Typ.500ms
• Hysteresis voltage
: Typ.VdetN×1.04(Top=25°C)
• Package
: SOT-23, SC-70-5(SOT-353), SC-82AB(SOT-343)
■General description
■Features
■Application
• Reset for microcomputers
• Voltage power shortage detectors
• Switch of back-up power source
• Battery checkers
■Maximum absolute ratings


Similar Part No. - ELM76

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
ELM7622HAB-N ELM-TECH-ELM7622HAB-N Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
ELM7622HAB-S ELM-TECH-ELM7622HAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
ELM7622HBB-N ELM-TECH-ELM7622HBB-N Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
More results

Similar Description - ELM76

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ELM Technology Corporat...
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
CMOS Voltage Detector ICs with adjustable output delay.
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
logo
ELM Technology Corporat...
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
VOLTAGE DETECTOR with Delay Function
logo
ELM Technology Corporat...
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Nisshinbo Micro Devices...
RP300X NISSHINBO-RP300X Datasheet
1Mb / 27P
High Accuracy Voltage Detector with Delay Function (Internal Counter Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com