Electronic Components Datasheet Search
  English  ▼

X  

ELM76 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM76
Description  CMOS Voltage detector with delay function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM76 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM76 Datasheet HTML 8Page - ELM Electronics ELM76 Datasheet HTML 9Page - ELM Electronics ELM76 Datasheet HTML 10Page - ELM Electronics ELM76 Datasheet HTML 11Page - ELM Electronics ELM76 Datasheet HTML 12Page - ELM Electronics ELM76 Datasheet HTML 13Page - ELM Electronics ELM76 Datasheet HTML 14Page - ELM Electronics ELM76 Datasheet HTML 15Page - ELM Electronics ELM76 Datasheet HTML 16Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Rev.1.2
16 -
0
0.5
1.0
1.5
2.0
2.5
0
1.0
2.0
3.0
Vds (V)
IoutP-Vds
Top=25�
Vdd=1.5V
Vdd=2.0V
Vdd=2.5V
-40 -20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
Top (�)
IoutP-Top
Vds=0.4V
Vdd=1.5V
Vdd=2.0V
Vdd=2.5V
■P-ch output current characteristics
0
1.0
2.0
3.0
4.0
5.0
6.0
0
4.0
8.0
12.0
16.0
20.0
Vds (V)
IoutP-Vds
Top=25�
Vdd=3.0V
Vdd=4.5V
Vdd=6.0V
-40 -20
0
20
40
60
80
0
0.4
0.8
1.2
1.6
2.0
Top (�)
IoutP-Top
Vds=0.4V
Vdd=3.0V
Vdd=4.5V
Vdd=6.0V
• ELM76xxLxxxxxC
• ELM76xxHxxxxxC
ELM76xxxxxxxxC CMOS Voltage detector with delay function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com