Electronic Components Datasheet Search
  English  ▼

X  

ELM76 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM76
Description  CMOS Voltage detector with delay function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM76 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM76 Datasheet HTML 2Page - ELM Electronics ELM76 Datasheet HTML 3Page - ELM Electronics ELM76 Datasheet HTML 4Page - ELM Electronics ELM76 Datasheet HTML 5Page - ELM Electronics ELM76 Datasheet HTML 6Page - ELM Electronics ELM76 Datasheet HTML 7Page - ELM Electronics ELM76 Datasheet HTML 8Page - ELM Electronics ELM76 Datasheet HTML 9Page - ELM Electronics ELM76 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Rev.1.2
16 -
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
Detection voltage
VdetN
5.390
5.500
5.610
V
2
Hysteresis width
Vhys
VdetN
×0.02
VdetN
×0.04
VdetN
×0.08
V
2
Current consumption
Iss
Vdd=6.0V
0.4
1.8
μA
1
Power voltage
Vdd
0.9
6.0
V
2
RESET output current
IoutN Vdd=0.9V, Vds=0.3V
0.2
1.7
mA
3-(1)
Vdd=1.0V, Vds=0.3V
1.0
3.1
IoutP Vdd=6.0V, Vds=0.4V
1.0
1.7
mA
3-(2)
RESET output curernt
IoutN Vdd=6.0V, Vds=0.4V
25.0
50.0
mA
3-(1)
IoutP Vdd=1.5V, Vds=0.4V
0.1
0.3
mA
3-(2)
Delay time(50ms)
Tdelay1 Vdd=1.0V → 6.0V
40
50
60
ms
4
Tdelay2 Vdd=6.0V → 1.0V
10
μs
Delay time(150ms)
Tdelay1 Vdd=1.0V → 6.0V
120
150
180
ms
4
Tdelay2 Vdd=6.0V → 1.0V
10
μs
Delay time(250ms)
Tdelay1 Vdd=1.0V → 6.0V
200
250
300
ms
4
Tdelay2 Vdd=6.0V → 1.0V
10
μs
Delay time(500ms)
Tdelay1 Vdd=1.0V → 6.0V
400
500
600
ms
4
Tdelay2 Vdd=6.0V → 1.0V
10
μs
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
+30
ppm/°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
Detection voltage
VdetN
3.920
4.000
4.080
V
2
Hysteresis width
Vhys
VdetN
×0.02
VdetN
×0.04
VdetN
×0.08
V
2
Current consumption
Iss
Vdd=5.0V
0.4
1.8
μA
1
Power voltage
Vdd
0.9
6.0
V
2
RESET output current
IoutN Vdd=0.9V, Vds=0.3V
0.2
1.7
mA
3-(1)
Vdd=1.0V, Vds=0.3V
1.0
3.1
IoutP Vdd=4.5V, Vds=0.4V
0.8
1.5
mA
3-(2)
RESET output curernt
IoutN Vdd=4.5V, Vds=0.4V
20.0
40.0
mA
3-(1)
IoutP Vdd=1.5V, Vds=0.4V
0.1
0.3
mA
3-(2)
Delay time(50ms)
Tdelay1 Vdd=1.0V → 4.5V
40
50
60
ms
4
Tdelay2 Vdd=4.5V → 1.0V
10
μs
Delay time(150ms)
Tdelay1 Vdd=1.0V → 4.5V
120
150
180
ms
4
Tdelay2 Vdd=4.5V → 1.0V
10
μs
Delay time(250ms)
Tdelay1 Vdd=1.0V → 4.5V
200
250
300
ms
4
Tdelay2 Vdd=4.5V → 1.0V
10
μs
Delay time(500ms)
Tdelay1 Vdd=1.0V → 4.5V
400
500
600
ms
4
Tdelay2 Vdd=4.5V → 1.0V
10
μs
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
+30
ppm/°C
Vss=0V, Top=25°C
VdetN=4.0V(ELM7640xxxxxxC)
VdetN=5.5V(ELM7655xxxxxxC)
* Note: Test circuit No., IoutP is applied only for CMOS output products.
* Note: Test circuit No., IoutP is applied only for CMOS output products.
Vss=0V, Top=25°C
ELM76xxxxxxxxC CMOS Voltage detector with delay function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com