Electronic Components Datasheet Search
  English  ▼

X  

ELM76 Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM76
Description  CMOS Voltage detector with delay function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM76 Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM76 Datasheet HTML 4Page - ELM Electronics ELM76 Datasheet HTML 5Page - ELM Electronics ELM76 Datasheet HTML 6Page - ELM Electronics ELM76 Datasheet HTML 7Page - ELM Electronics ELM76 Datasheet HTML 8Page - ELM Electronics ELM76 Datasheet HTML 9Page - ELM Electronics ELM76 Datasheet HTML 10Page - ELM Electronics ELM76 Datasheet HTML 11Page - ELM Electronics ELM76 Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Rev.1.2
16 -
■Marking
Mark
Reset logic Output type Pin config
Detection voltage
range (V)
57
Low
CMOS
1
1.6 to 3.0
58
3.1 to 5.5
59
2
1.6 to 3.0
5A
3.1 to 5.5
5B
N-ch
1
1.6 to 3.0
5C
3.1 to 5.5
5D
2
1.6 to 3.0
5E
3.1 to 5.5
5F
High
CMOS
1
1.6 to 3.0
5G
3.1 to 5.5
5H
2
1.6 to 3.0
5J
3.1 to 5.5
5K
N-ch
1
1.6 to 3.0
5L
3.1 to 5.5
5M
2
1.6 to 3.0
5N
3.1 to 5.5
a,b : “Reset logic” and “Output type” and “Pin config” and
“Detection voltage range”
c : “Detection voltage”
Mark
Detection voltage (V)
Mark
Detection voltage (V)
1
-
3.1
F
1.6
4.6
2
-
3.2
G
1.7
4.7
3
-
3.3
H
1.8
4.8
4
-
3.4
J
1.9
4.9
5
-
3.5
K
2.0
5.0
6
-
3.6
L
2.1
5.1
7
-
3.7
M
2.2
5.2
8
-
3.8
N
2.3
5.3
9
-
3.9
P
2.4
5.4
0
-
4.0
Q
2.5
5.5
A
-
4.1
R
2.6
-
B
-
4.2
S
2.7
-
C
-
4.3
T
2.8
-
D
-
4.4
U
2.9
-
E
-
4.5
V
3.0
-
d : Assembly lot No.
ELM76xxxxxxxxC CMOS Voltage detector with delay function
SOT-23
• SOT-23 package
Mark
1 to 0 and A to Z (I, O, X excepted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com