Electronic Components Datasheet Search
  English  ▼

X  

ELM85 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM85
Description  CMOS 600mA/800mA LDO voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM85 Datasheet(HTML) 2 Page - ELM Electronics

  ELM85 Datasheet HTML 1Page - ELM Electronics ELM85 Datasheet HTML 2Page - ELM Electronics ELM85 Datasheet HTML 3Page - ELM Electronics ELM85 Datasheet HTML 4Page - ELM Electronics ELM85 Datasheet HTML 5Page - ELM Electronics ELM85 Datasheet HTML 6Page - ELM Electronics ELM85 Datasheet HTML 7Page - ELM Electronics ELM85 Datasheet HTML 8Page - ELM Electronics ELM85 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Rev.1.3
14 -
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
■Selection guide
ELM85xxxxA-x
Symbol
a, b
Output voltage
e.g. :
30: Vout=3.0V, 33: Vout=3.3V
50: Vout=5.0V
c
CE selection
1: NO CE
3: CE=“H” active
d
Package
A: SOT-89, SOT-89-5
B: SOT-23, SOT-25
G: SON8-3x3
H: SOT-223
e
Product version A
f
Taping direction
S: Refer to PKG file
(SOT-223: S only)
N: Refer to PKG file
ELM85 x x x x A - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■Pin configuration
SOT-223(TOP VIEW)
Pin No.
Pin name
1
VSS
2/TAB
VIN
3
VOUT
1
2
3
TAB
ELM85xx1HA
SOT-89(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
1
2
3
ELM85xx1AA
SOT-89-5(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE
1
2
3
5
4
ELM85xx3AA
Pin No. Pin name
1
VIN
2
VSS
3
CE
4
NC
5
VOUT
SOT-25(TOP VIEW)
Pin No. Pin name
1
VSS
2
VOUT
3
VIN
SOT-23(TOP VIEW)
1
3
2
1
2
3
4
5
ELM85xx1BA
ELM85xx3BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com