Electronic Components Datasheet Search
  English  ▼

X  

ELM85 Datasheet(PDF) 12 Page - ELM Electronics

Part # ELM85
Description  CMOS 600mA/800mA LDO voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM85 Datasheet(HTML) 12 Page - ELM Electronics

Back Button ELM85 Datasheet HTML 6Page - ELM Electronics ELM85 Datasheet HTML 7Page - ELM Electronics ELM85 Datasheet HTML 8Page - ELM Electronics ELM85 Datasheet HTML 9Page - ELM Electronics ELM85 Datasheet HTML 10Page - ELM Electronics ELM85 Datasheet HTML 11Page - ELM Electronics ELM85 Datasheet HTML 12Page - ELM Electronics ELM85 Datasheet HTML 13Page - ELM Electronics ELM85 Datasheet HTML 14Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Rev.1.3
14 -
0 20 40 60 80 100 120 140 160 180
2.5
3
3.5
4
4.5
5
5.5
6
Time(µS)
Input Transient Response
Iout=100mA, tr=tf=5.0µS, Co=4.7µF
Input Voltage
Output Voltage
0
1
2
3
4
5
6
0
4
8
12
16
20
24
28
32
36
40
44
48
52
Vin(V)
Iss-Vin
Top=25°C
101
102
103
104
105
0
10
20
30
40
50
60
70
Frequency(Hz)
Ripple Rejection
Vin=4.3V, Iout=40mA, Co=4.7µF
0
40
80
120
160
200
240
2.5
3.0
3.5
4.0
4.5
5.0
Time(μS)
Load Transient Response
Ci=Co=4.7μF
Vin=4.3V
Output Voltage
Output Current
100mA
10mA
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com