Electronic Components Datasheet Search
  English  ▼

X  

ELM85 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM85
Description  CMOS 600mA/800mA LDO voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM85 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM85 Datasheet HTML 6Page - ELM Electronics ELM85 Datasheet HTML 7Page - ELM Electronics ELM85 Datasheet HTML 8Page - ELM Electronics ELM85 Datasheet HTML 9Page - ELM Electronics ELM85 Datasheet HTML 10Page - ELM Electronics ELM85 Datasheet HTML 11Page - ELM Electronics ELM85 Datasheet HTML 12Page - ELM Electronics ELM85 Datasheet HTML 13Page - ELM Electronics ELM85 Datasheet HTML 14Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Rev.1.3
14 -
4
5
6
4
4.5
5
Vin(V)
Iout=1mA
Iout=100mA
Iout=300mA
Vout-Vin
Top=25°C
5
5.5
6
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
Vin(V)
Iout=1mA
Iout=100mA
Iout=300mA
Vout-Vin
Top=25°C
0
200 400 600 800 1000 1200 1400
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Iout(mA)
Vin=5.5V
Vin=6.0V
Vout-Iout
Top=25°C
Vin=5.3V
0 100 200 300 400 500 600 700 800
0
100
200
300
400
500
600
Iout(mA)
Vdiff-Iout
Top=25°C
• 5.0V Vout unit (ELM85501HA)
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com