Electronic Components Datasheet Search
  English  ▼

X  

ELM85 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM85
Description  CMOS 600mA/800mA LDO voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM85 Datasheet(HTML) 1 Page - ELM Electronics

  ELM85 Datasheet HTML 1Page - ELM Electronics ELM85 Datasheet HTML 2Page - ELM Electronics ELM85 Datasheet HTML 3Page - ELM Electronics ELM85 Datasheet HTML 4Page - ELM Electronics ELM85 Datasheet HTML 5Page - ELM Electronics ELM85 Datasheet HTML 6Page - ELM Electronics ELM85 Datasheet HTML 7Page - ELM Electronics ELM85 Datasheet HTML 8Page - ELM Electronics ELM85 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Rev.1.3
14 -
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
■General description
ELM85xxxxA is CMOS voltage regulator which is characterized with high current and low dropout (55mV at
Iout=100mA). There are 2 types of CE selection of ELM85 series: non-chip enable function and “H” active.
The standard output voltages are 3.0V, 3.3V, 5.0V. ELM85 series can also be made as semi-custom IC within
the range of 0.8V to 5.0V by 0.1V step. This series also includes short circuit current limiter and thermal
shutdown circuit. Ceramic capacitors with low ESR can be used as input and output ones.
■Features
• Output voltage range
• Output current
• Current consumption
• Input stability
• Load stability
• Accuracy of output voltage
• Input-output voltage difference
• Short circuit current limiter
• Package
■Application
• Battery operated devices
• Portable AV equipments
: 0.8V to 5.0V (by 0.1V)
: 600mA(Vout<3.0V)
800mA(Vout≥3.0V)
: Typ.40μA
: Typ.0.02%/V
: Typ.20mV(1mA≤Iout≤300mA)
: ±2.0%
: Typ.55mV(Vout=3.0V, Iout=100mA)
: Typ.70mA(Vout=0V)
: SOT-223(0.8V to 5.0V), SON8-3x3(1.2V to 4.0V)
SOT-89(1.2V to 4.0V), SOT-89-5(1.2V to 4.0V)
SOT-23(1.2V to 4.0V), SOT-25(1.2V to 4.0V)
(0.8V to 1.1V, 4.1V to 5.0V are available in SOT-223 package only.)
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Input voltage
Vin
Vss-0.3 to 7.0
V
Output voltage
Vout
Vss-0.3 to Vin+0.3
V
Output current
Iout
1000
mA
Power dissipation
Pd
500 (SOT-89)
mW
500 (SOT-89-5)
250 (SOT-23)
300 (SOT-25)
500 (SON8-3x3)
625 (SOT-223)
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C


Similar Part No. - ELM85

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85 Datasheet
830Kb / 13P
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
150關A Low power CMOS operational amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
CMOS operational amplifier
logo
ELM Technology Corporat...
ELM85301AA-N ELM-TECH-ELM85301AA-N Datasheet
137Kb / 12P
CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
CMOS 800mA LDO voltage regulator
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
800mA CMOS LDO
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85 Datasheet
830Kb / 13P
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com