Electronic Components Datasheet Search
  English  ▼

X  

ELM85 Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM85
Description  CMOS 600mA/800mA LDO voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM85 Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM85 Datasheet HTML 4Page - ELM Electronics ELM85 Datasheet HTML 5Page - ELM Electronics ELM85 Datasheet HTML 6Page - ELM Electronics ELM85 Datasheet HTML 7Page - ELM Electronics ELM85 Datasheet HTML 8Page - ELM Electronics ELM85 Datasheet HTML 9Page - ELM Electronics ELM85 Datasheet HTML 10Page - ELM Electronics ELM85 Datasheet HTML 11Page - ELM Electronics ELM85 Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Rev.1.3
14 -
ELM85
ab3GA
cde
a, b : Output voltage. e.g. : 33(Vout=3.3V)
c to e : Assembly lot No.
000 to 999
SON8-3x3
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
TAB
E
5
8
M
L
a
c
1
b
e f
d
a, b : Output voltage. e.g. : 33(Vout=3.3V)
c : Product version
d to f : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com