Electronic Components Datasheet Search
  English  ▼

X  

ELM95 Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 5 Page - ELM Electronics

  ELM95 Datasheet HTML 1Page - ELM Electronics ELM95 Datasheet HTML 2Page - ELM Electronics ELM95 Datasheet HTML 3Page - ELM Electronics ELM95 Datasheet HTML 4Page - ELM Electronics ELM95 Datasheet HTML 5Page - ELM Electronics ELM95 Datasheet HTML 6Page - ELM Electronics ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Rev.1.1
15 -
L=100μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=1.5V, Iout=1mA
18
32
µA
Output voltage
Vout
Vin=1.5V, Iout=1mA
2.925 3.000 3.075
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.6
1.1
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
70
77
85
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
Vout=3.0V(ELM9530BxE)
* Vout(T) : Typ. value of Vout
L=100μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=1.5V, Iout=1mA
20
35
µA
Output voltage
Vout
Vin=1.5V, Iout=1mA
3.218 3.300 3.382
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.55
1.00
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
70
77
85
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
Vout=3.3V(ELM9533BxE)
* Vout(T) : Typ. value of Vout
L=100μH, Cin=Cout=47μF, D=DB2J208, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Input voltage
Vin
0.9
7.0
V
Starting voltage
Vst
No load
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=3.0V, Iout=1mA
35
55
µA
Output voltage
Vout
Vin=3.0V, Iout=1mA
4.875 5.000 5.125
V
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
0.45
0.80
Ω
Leakage current of LX pin
Ilxl
Vout=Vlx=7.0V
1.0
µA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Maximum duty ratio
Duty Vout=Vout(T)×0.95
70
77
85
%
Current limit of LX switch
llimit Vout=Vout(T)×0.95
600
mA
Vout=5.0V(ELM9550BxE)
* Vout(T) : Typ. value of Vout
ELM95xxxxE CMOS PWM step-up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com