Electronic Components Datasheet Search
  English  ▼

X  

ELM95 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM95 Datasheet HTML 2Page - ELM Electronics ELM95 Datasheet HTML 3Page - ELM Electronics ELM95 Datasheet HTML 4Page - ELM Electronics ELM95 Datasheet HTML 5Page - ELM Electronics ELM95 Datasheet HTML 6Page - ELM Electronics ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics ELM95 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Rev.1.1
15 -
■Marking
ELM95xxxxE CMOS PWM step-up DC/DC converter
����
����
SOT-89
Symbol
Output voltage range
(V)
Package
Switching frequency
5P
2.5~3.0
SOT-89
55kHz
5Q
2.5~3.0
SOT-89
100kHz
5R
3.1~5.5
SOT-89
55kHz
5S
3.1~5.5
SOT-89
100kHz
5T
2.5~3.0
SOT-23
55kHz
5U
2.5~3.0
SOT-23
100kHz
5V
3.1~5.5
SOT-23
55kHz
5W
3.1~5.5
SOT-23
100kHz
a, b : Represents Output voltage range and Package type
and Switching frequency type
SOT-23
�������
Symbol
Output voltage(V)
1
3.1
2
3.2
3
3.3
4
3.4
5
3.5
6
3.6
7
3.7
8
3.8
9
3.9
0
4.0
A
4.1
B
4.2
C
4.3
D
4.4
E
4.5
c : Represents Output voltage.
Symbol
Output voltage(V)
F
4.6
G
4.7
H
4.8
J
4.9
K
5.0
L
5.1
M
5.2
N
5.3
P
5.4
Q
2.5
5.5
R
2.6
S
2.7
T
2.8
U
2.9
V
3.0
d : Represents the assembly lot number
1~0, A~Z repeated (I,O,X excepted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com