Electronic Components Datasheet Search
  English  ▼

X  

ELM95 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 1 Page - ELM Electronics

  ELM95 Datasheet HTML 1Page - ELM Electronics ELM95 Datasheet HTML 2Page - ELM Electronics ELM95 Datasheet HTML 3Page - ELM Electronics ELM95 Datasheet HTML 4Page - ELM Electronics ELM95 Datasheet HTML 5Page - ELM Electronics ELM95 Datasheet HTML 6Page - ELM Electronics ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Rev.1.1
15 -
Parameter
Symbol
Limit
Unit
Apply voltage to LX pin
Vlx
Vss-0.3 to 8.0
V
Apply voltage to VOUT pin
Vout
Vss-0.3 to 8.0
V
Output current of LX pin
Ilx
500
mA
Power dissipation
Pd
500 (SOT-89)
mW
250 (SOT-23)
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM95xxxxE CMOS PWM step-up DC/DC converter
ELM95xxxxE is CMOS PWM step-up DC/DC converter which consists of reference voltage source, error
amplifier, oscillation circuit, start-up circuit, PWM control circuit, switching current limit circuit, switch
transistor and output voltage setting resistor. For external parts, coil, diode and capacitor are possible choices;
with external parts, are 2.7V, 3.0V, 3.3V and 5.0V; ELM95 series can also be designed as semi-custom IC within
the range of 2.5V to 5.5V by 0.1V step. With newly-developed PWM control circuit, ELM95 series is able to
modulate switching time smoothly with constant frequency and consequently generates stable output with small
ripples.There are two switching frequency and maximum duty ratio available:(Switching frequency, Maximum
duty ratio)=(55kHz, 60%) and (100kHz, 77%).
• Constant voltage source for battery-operated devices
• Constant voltage source for cameras
• Portable communication equipments
• Local regulator
■General description
■Features
■Application
■Maximum absolute ratings
• Output voltage range
: 2.5V to 5.5V(by 0.1V step)
• Low voltage operation
: Vin≥0.9V(No load)
• Low power operation
: 35µW(ELM9530AxE)
• High efficiency
: Typ.85%
• High output voltage accuracy
: ±2.5%
• Constant switching frequency : Typ.55kHz(Type A), Typ.100kHz(Type B)
• Output current (e.g.)
: 100mA(Type B, Vin=1.5V, Vout=3.3V)
• Small ripples
: Ceramic capacitor can be used for output capacitor.
• Package
: SOT-89, SOT-23


Similar Part No. - ELM95

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
ELM9527D-N ELM-TECH-ELM9527D-N Datasheet
76Kb / 5P
CMOS PWM step-up DC/DC converter
ELM9527D-S ELM-TECH-ELM9527D-S Datasheet
76Kb / 5P
CMOS PWM step-up DC/DC converter
ELM9530D-N ELM-TECH-ELM9530D-N Datasheet
76Kb / 5P
CMOS PWM step-up DC/DC converter
More results

Similar Description - ELM95

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
ELM Technology Corporat...
ELM9527D-S ELM-TECH-ELM9527D-S Datasheet
76Kb / 5P
CMOS PWM step-up DC/DC converter
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com