Electronic Components Datasheet Search
  English  ▼

X  

ELM95 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM95 Datasheet HTML 3Page - ELM Electronics ELM95 Datasheet HTML 4Page - ELM Electronics ELM95 Datasheet HTML 5Page - ELM Electronics ELM95 Datasheet HTML 6Page - ELM Electronics ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics ELM95 Datasheet HTML 10Page - ELM Electronics ELM95 Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Rev.1.1
15 -
0 40 80 120 160 200 240 280 320 360 400
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
Vin=3.0V, Iout=100mA
Time (�s)
0 40 80 120 160 200 240 280 320 360 400
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
Vin=3.0V, Iout=100mA
Time (�s)
0 40 80 120 160 200 240 280 320 360 400
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
Vin=3.0V, Iout=100mA
Time (�s)
0 40 80 120 160 200 240 280 320 360 400
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
Vin=3.0V, Iout=100mA
Time (�s)
■External parts
To design DC/DC converter using ELM95 series, coil, diode, and capacitor are necessary.
(Refer to the standard circuit configuration.)
1) Coil
When choosing choke coil, please select that whose core is not magnetically saturated, DC resistance is low,
and which has sufficient margin for rated current. ELM recommends to use inductance around 220µH for
ELM995xxAxE, and ELM95xxBxE. For ELM95 series, ELM recommends following coil.
• SLF7045T (TDK corporation)
2) Diode
When choosing diode, please select that whose forward voltage is small, switching speed is high and which
has sufficient margin for rated current.
For ELM95 series, ELM recommends schottky diodes.
3) Capacitor
When choosing capacitor, please select that which is generally used for smoothing power supply circuit, with
comparatively large capacity, with small equivalent series resistance, and with large rated voltage.
For ELM95 series, ELM recommends ceramic capacitor, although Aluminum electrolytic and Tantalum ca-
pacitors also can be used. Under heavier load condition using small output capacitor, there might be cases that
few hundred hertz wave motion will happen in output voltage waveform. Under such cases, ELM recommends
to use capacitor with larger capacity. Examples are shown as follows. ELM recommends 47µF or larger for Cout
and 47µF for Cin. On the other hand, under light load use (Iout<20mA) only, it is possible to use smaller capacitors
such as Cin=Cout=22µF.
One of example of solution for large amplitude waveform with lower frequency are shown as follows:
ELM95xxxxE CMOS PWM step-up DC/DC converter
ELM9550AxE Vout waveform
using Cout=22µF
ELM9550AxE Vout waveform
using Cout=47µF
4) Remedies for noise
The DC/DC converter may cause electromagnetic noise due to switching of coil under large current. Solution
is necessary especially when the IC is used in wireless devices. To reduce noise, this IC is designed in consider-
ation of coil switching characteristics. The following methods are also effective to reduce noise.
• Use shield-type, or magnetic shield coil.
• Locate coil and diode to the LX terminal of IC as close as possible.
• Select ground wire as thick and short as possible.
• Connect ground wire of circuit to one point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com