Electronic Components Datasheet Search
  English  ▼

X  

ELM95 Datasheet(PDF) 12 Page - ELM Electronics

Part # ELM95
Description  CMOS PWM step-up DC/DC converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM95 Datasheet(HTML) 12 Page - ELM Electronics

Back Button ELM95 Datasheet HTML 7Page - ELM Electronics ELM95 Datasheet HTML 8Page - ELM Electronics ELM95 Datasheet HTML 9Page - ELM Electronics ELM95 Datasheet HTML 10Page - ELM Electronics ELM95 Datasheet HTML 11Page - ELM Electronics ELM95 Datasheet HTML 12Page - ELM Electronics ELM95 Datasheet HTML 13Page - ELM Electronics ELM95 Datasheet HTML 14Page - ELM Electronics ELM95 Datasheet HTML 15Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
Rev.1.1
15 -
ELM95xxxxE CMOS PWM step-up DC/DC converter
• ELM9527BxE(Vout=2.7V, Fosc=100kHz, Duty=77%) L=100µH, Cin=Cout=47µF, D=DB2J208, Top=25°C
�
ELM9527BxE (VOUT=2.7V, Fosc=100kHz, Duty=77%) L=100�H, CIN=Cout=47�F, D=DB2J208, Top=25�
0.0
0.5
1.0
1.5
2.0
2.5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Iout=60mA
Iout=10mA
Iout=1mA
Vout-Vin
Vin (V)
0.1
1
10
100
1000
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Vin=1.8V
Vin=0.9V
Vout-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
0.1
1
10
100
1000
50
60
70
80
90
100
Vin=1.8V
Vin=0.9V
Efficiency-Iout
Iout (mA)
Vin=1.5V
Vin=1.1V
-40 -20
0
20
40
60
80
2.62
2.64
2.66
2.68
2.70
2.72
2.74
90
95
100
105
110
115
120
Vout
Vout, Frequency-Top
Iout (mA)
Frequency
Vin=1.5V, Iout=10mA
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Vst
Vst, Vhold-Iout
Iout (mA)
Vhold
0 2 4 6 8 10 12 14 16 18 20
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0
50
100
Vout
Vin=1.5V
Load transient response
Time (ms)
Iout
1mA
1mA
50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com