Electronic Components Datasheet Search
  English  ▼

X  

ELM613DA Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM613DA
Description  2A, 20V, 550kHz, synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM613DA Datasheet(HTML) 3 Page - ELM Electronics

  ELM613DA Datasheet HTML 1Page - ELM Electronics ELM613DA Datasheet HTML 2Page - ELM Electronics ELM613DA Datasheet HTML 3Page - ELM Electronics ELM613DA Datasheet HTML 4Page - ELM Electronics ELM613DA Datasheet HTML 5Page - ELM Electronics ELM613DA Datasheet HTML 6Page - ELM Electronics ELM613DA Datasheet HTML 7Page - ELM Electronics ELM613DA Datasheet HTML 8Page - ELM Electronics ELM613DA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Rev.1.3
11 -
Parameter
Symbol
Test condition
Min.
Typ.
Max. Unit
Supply voltage
Vin
4.75
20.00
V
Output voltage
Vout
0.923
18.000
V
Output current
Iout
2.0
A
Shutdown current
Is
Ven=0V
1.0
3.0
µA
Supply current
Iss
Ven=2.0V, Vfb=1.0V
1.3
1.5
mA
Feedback voltage
Vfb
4.75V ≤ Vin ≤ 20V
0.900 0.923 0.946
V
Feedback over-voltage threshold
Vfbo-th
1.1
V
Error amplifier voltage gain
Aea
400
V/V
Error amplifier transconductance
Gea
∆Ic = ±10µA
800
µA/V
High-side switch-on resistance
Rds(on)1
85
mΩ
Low-side switch-on resistance
Rds(on)2
85
mΩ
High-side switch leakage current
Ileak
Ven = 0V, Vsw = 0V
10
µA
Upper switch current limit
Ilim_usw Minimum duty cycle
2.4
4.0
A
Lower switch current limit
Ilim_lsw From drain to source
1.1
A
COMP to current sense transconductance
Gcs
3.5
A/V
Oscillation frequency
Fosc1
500
550
600
kHz
Short circuit oscillation frequency
Fosc2 Vfb = 0V
120
170
220
kHz
Maximum duty cycle
Dmax Vfb = 0.78mV
90
%
Minimum on time
To
140
ns
EN shutdown threshold voltage
Vens_th Ven falling
1.39
V
EN shutdown threshold
voltage hysteresis
Vens_hys
210
mV
EN lockout threshold voltage
Venl_th
1.64
V
EN lockout hysteresis
Venl_hys
210
mV
Input under voltage lockout threshold
Vth
Vin rising
4.10
V
Input under voltage lockout threshold
hysteresis
Vth_hys
210
mV
Soft-start current
Isoft
Vss = 0V
6
µA
Soft-start period
Psoft
Vss = 0.1µF
15
ms
Thermal shutdown
Tsd
160
°C
■Electrical characteristics
Vin=+12V, Top=+25°C, unless otherwise noted.
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com